Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC243N Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HC243N
Description  Quad bus transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC243N Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HC243N Datasheet HTML 1Page - NXP Semiconductors 74HC243N Datasheet HTML 2Page - NXP Semiconductors 74HC243N Datasheet HTML 3Page - NXP Semiconductors 74HC243N Datasheet HTML 4Page - NXP Semiconductors 74HC243N Datasheet HTML 5Page - NXP Semiconductors 74HC243N Datasheet HTML 6Page - NXP Semiconductors 74HC243N Datasheet HTML 7Page - NXP Semiconductors 74HC243N Datasheet HTML 8Page - NXP Semiconductors 74HC243N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
9397 750 13808
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
4 of 17
Philips Semiconductors
74HC243
Quad bus transceiver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration
243
OEA
VCC
n.c.
OEB
A0
n.c.
A1
B0
A2
B1
A3
B2
GND
B3
001aab948
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3:
Pin description
Symbol
Pin
Description
OEA
1
output enable input (active LOW)
n.c.
2
not connected
A0
3
data input or output
A1
4
data input or output
A2
5
data input or output
A3
6
data input or output
GND
7
ground (0 V)
B3
8
data output or input
B2
9
data output or input
B1
10
data output or input
B0
11
data output or input
n.c.
12
not connected
OEB
13
output enable input
VCC
14
positive supply voltage


Numéro de pièce similaire - 74HC243N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
   Quad bus transceiver; 3-state
December 1990
More results

Description similaire - 74HC243N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
8T26A ETC1-8T26A Datasheet
271Kb / 6P
   3-State Quad Bus Transceiver
logo
STMicroelectronics
M54HC242 STMICROELECTRONICS-M54HC242 Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
logo
NXP Semiconductors
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
   Quad bus transceiver; 3-state
December 1990
logo
STMicroelectronics
M74HC243 STMICROELECTRONICS-M74HC243 Datasheet
171Kb / 11P
   QUAD BUS TRANSCEIVER (3 - STATE)
logo
NXP Semiconductors
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
   Quad bus transceiver; 3-state; inverting
December 1990
logo
Fairchild Semiconductor
74F243 FAIRCHILD-74F243 Datasheet
32Kb / 4P
   Quad Bus Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC8T26A MOTOROLA-MC8T26A Datasheet
223Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER
logo
STMicroelectronics
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com