Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8XC51RC Fiches technique(PDF) 8 Page - Intel Corporation

No de pièce 8XC51RC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

8XC51RC Fiches technique(HTML) 8 Page - Intel Corporation

Back Button 8XC51RC Datasheet HTML 4Page - Intel Corporation 8XC51RC Datasheet HTML 5Page - Intel Corporation 8XC51RC Datasheet HTML 6Page - Intel Corporation 8XC51RC Datasheet HTML 7Page - Intel Corporation 8XC51RC Datasheet HTML 8Page - Intel Corporation 8XC51RC Datasheet HTML 9Page - Intel Corporation 8XC51RC Datasheet HTML 10Page - Intel Corporation 8XC51RC Datasheet HTML 11Page - Intel Corporation 8XC51RC Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8XC51RARBRC
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias b40 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Voltage on EAVPP Pin to VSS
0V to a130V
Voltage on Any Other Pin to VSS
b
05V to a65V
IOL Per IO Pin
15 mA
Power Dissipation15W
(based on PACKAGE heat transfer limitations not
device power consumption)
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development The specifications are subject to
change without notice Verify with your local Intel
Sales office that you have the latest data sheet be-
fore finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
Commercial
0
a
70
C
Express
b
40
a
85
C
VCC
Supply Voltage
All Others
40
60
V
8XC51RX-24
45
55
V
fOSC
0scillator Frequency
8XC51RX
35
12
MHz
8XC51RX-1
35
16
MHz
8XC51RX-20
35
20
MHz
8XC51RX-24
35
24
MHz
DC CHARACTERISTICS (Over Operating Conditions)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 4)
VIL
Input Low Voltage
b
05
02 VCCb01
V
VIL1
Input Low Voltage EA
0
02 VCCb03
V
VIH
Input High Voltage
02 VCCa09
VCCa05
V
(Except XTAL1 RST)
VIH1
Input High Voltage
07 VCC
VCCa05
V
(XTAL1 RST)
VOL
Output Low Voltage (Note 5)
03
V
IOL e 100 mA (Note 1)
(Ports 1 2 and 3)
045
V
IOL e 16 mA (Note 1)
10
V
IOL e 35 mA (Note 1)
VOL1
Output Low Voltage (Note 5)
03
V
IOL e 200 mA (Note 1)
(Port 0 ALE PSEN)
045
V
IOL e 32 mA (Note 1)
10
V
IOL e 70 mA (Note 1)
VOH
Output High Voltage
VCCb03
V
IOH eb10 mA
(Ports 1 2 and 3 ALE PSEN)
VCCb07
V
IOH eb30 mA
VCCb15
V
IOH eb60 mA
8


Numéro de pièce similaire - 8XC51RC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
8XC51RC PHILIPS-8XC51RC Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51RC++ PHILIPS-8XC51RC+ Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51RC++ NXP-8XC51RC+ Datasheet
238Kb / 32P
   80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
More results

Description similaire - 8XC51RC

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com