Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH350ID Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TSH350ID
Description  550 MHz, Low Noise Current Feedback Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TSH350ID Datasheet HTML 6Page - STMicroelectronics TSH350ID Datasheet HTML 7Page - STMicroelectronics TSH350ID Datasheet HTML 8Page - STMicroelectronics TSH350ID Datasheet HTML 9Page - STMicroelectronics TSH350ID Datasheet HTML 10Page - STMicroelectronics TSH350ID Datasheet HTML 11Page - STMicroelectronics TSH350ID Datasheet HTML 12Page - STMicroelectronics TSH350ID Datasheet HTML 13Page - STMicroelectronics TSH350ID Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TSH350
Evaluation Boards
10/21
3 Evaluation Boards
An evaluation board kit optimized for high speed operational amplifiers is available (order code:
KITHSEVAL/STDL). The kit includes the following evaluation boards, as well as a CD-ROM containing
datasheets, articles, application notes and a user manual:
l SOT23_SINGLE_HF BOARD: Board for the evaluation of a single high-speed op-amp in SOT23-5
package.
l SO8_SINGLE_HF: Board for the evaluation of a single high-speed op-amp in SO8 package.
l SO8_DUAL_HF: Board for the evaluation of a dual high-speed op-amp in SO8 package.
l SO8_S_MULTI: Board for the evaluation of a single high-speed op-amp in SO8 package in inverting
and non-inverting configuration, dual and signle supply.
l SO14_TRIPLE: Board for the evaluation of a triple high-speed op-amp in SO14 package with video
application considerations.
Board material:
l 2 layers
l FR4 (
εr=4.6)
l epoxy 1.6mm
l copper thickness: 35µm
Figure 29: Evaluation kit for high speed op-amps


Numéro de pièce similaire - TSH350ID

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TSH350ID STMICROELECTRONICS-TSH350ID Datasheet
309Kb / 22P
   550MHz low noise current feedback amplifier
TSH350IDT STMICROELECTRONICS-TSH350IDT Datasheet
309Kb / 22P
   550MHz low noise current feedback amplifier
More results

Description similaire - TSH350ID

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350_07 Datasheet
309Kb / 22P
   550MHz low noise current feedback amplifier
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
   Rad-hard 550 MHz low noise operational amplifier
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
   Rad-hard 550 MHz low noise operational amplifier
Rev 8 - February 2020
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3_06 Datasheet
385Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC356LP3 HITTITE-HMC356LP3_10 Datasheet
278Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com