Moteur de recherche de fiches techniques de composants électroniques |
|
SN74SSTVF32852 Fiches technique(PDF) 5 Page - Texas Instruments |
|
SN74SSTVF32852 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 7 page SN74SSTVF32852 24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS SCES426A – FEBRUARY 2003 – REVISED MARCH 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics for PC3200 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC† MIN TYP‡ MAX UNIT VIK II = –18 mA 2.5 V –1.2 V VOH IOH = –100 µA 2.5 V to 2.7 V VDDQ–0.2 V VOH IOH = –8 mA 2.5 V 1.95 V VOL IOL = 100 µA 2.5 V to 2.7 V 0.2 V VOL IOL = 8 mA 2.5 V 0.35 V II All inputs VI = VCC or GND 2.7 V ±5 µA ICC Static standby RESET = GND IO =0 27 V 10 µA ICC Static operating RESET = VCC, VI = VIH(AC) or VIL(AC) IO = 0 2.7 V 35 mA Dynamic operating – clock only RESET = VCC, VI = VIH(AC) or VIL(AC), CLK and CLK switching 50% duty cycle 38 µA/ MHz ICCD Dynamic operating – per each data input RESET = VCC, VI = VIH(AC) or VIL(AC), CLK and CLK switching 50% duty cycle, One data input switching at one-half clock frequency, 50% duty cycle IO = 0 2.6 V 7 µA/ clock MHz/ D input Data inputs VI = VREF ± 310 mV 2.8 3.3 3.8 Ci CLK, CLK VICR = 1.25 V, VI(PP) = 360mV 2.6 V 2.5 3 3.5 pF RESET VI = VCC or GND 3 4 4.5 † For this test condition, VDDQ always is equal to VCC. ‡ All typical values are at VCC = 2.6 V, TA = 25°C. timing requirements over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 2.5 V ± 0.2 V† VCC = 2.6 V ± 0.1 V† UNIT MIN MAX MIN MAX fclock Clock frequency 500 500 MHz tw Pulse duration, CLK, CLK high or low 1 1 ns tact Differential inputs active time (see Note 5) 22 22 ns tinact Differential inputs inactive time (see Note 6) 22 22 ns t Setup time Fast slew rate (see Notes 7 and 9) Dt bf CLK ↑ CLK↓ 0.75 0.75 ns tsu Setup time Slow slew rate (see Notes 8 and 9) Data before CLK ↑, CLK↓ 0.9 0.9 ns th Hold time Fast slew rate (see Notes 7 and 9) Data after CLK ↑ CLK↓ 0.75 0.75 ns th Hold time Slow slew rate (see Notes 8 and 9) Data after CLK ↑, CLK↓ 0.9 0.9 ns † For this test condition, VDDQ always is equal to VCC. NOTES: 5. VREF must be held at a valid input level and data inputs must be held low for a minimum time of tact max, after RESET is taken high. 6. VREF, data, and clock inputs must be held at valid voltage levels (not floating) for a minimum time of tinact max, after RESET is taken low. 7. For data signal input slew rate ≥1 V/ns. 8. For data signal input slew rate ≥0.5 V/ns and <1 V/ns. 9. CLK, CLK signals input slew rates are ≥1 V/ns. |
Numéro de pièce similaire - SN74SSTVF32852 |
|
Description similaire - SN74SSTVF32852 |