Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XD6130 Fiches technique(PDF) 1 Page - Torex Semiconductor

No de pièce XD6130
Description  Watchdog Timeout Period Externally Adjustable Voltage Detector
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6130 Fiches technique(HTML) 1 Page - Torex Semiconductor

  XD6130 Datasheet HTML 1Page - Torex Semiconductor XD6130 Datasheet HTML 2Page - Torex Semiconductor XD6130 Datasheet HTML 3Page - Torex Semiconductor XD6130 Datasheet HTML 4Page - Torex Semiconductor XD6130 Datasheet HTML 5Page - Torex Semiconductor XD6130 Datasheet HTML 6Page - Torex Semiconductor XD6130 Datasheet HTML 7Page - Torex Semiconductor XD6130 Datasheet HTML 8Page - Torex Semiconductor XD6130 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
XD6130/XD6131Series
Watchdog Timeout Period Externally Adjustable Voltage Detector
GENERAL DESCRIPTION
The XD6130/XD6131 series are voltage detectors with a watchdog function. The watchdog timeout time and release delay
time can be set as desired using a single external capacitor. These voltage detectors are used for microprocessor monitoring,
and when the power voltage reaches the detect voltage or an L→H pulse is not input to the watchdog pin within the watchdog
timeout time, an L level signal is output from the RESETB pin.
The XD6130 series has a manual reset function. When the manual reset pin is set to Low level at any desired timing, an L level
signal is output from the RESETB pin.
The XD6131 series has a watchdog ON/OFF function. By setting the EN pin to L level, the watchdog function can be turned
OFF while the voltage detector that monitors the power voltage continues to operate.
The MRB pin and EN pin are pulled up internally to VIN, and thus these pins can be left open when not used.
APPLICATIONS
Microprocessor reset and malfunction monitoring circuitry
Memory battery backup circuits
Power-on reset circuits
Power failure detection
FEATURES
Operating Ambient Temperature
: -40℃~+125℃
Operating Voltage Range
Detect Voltage (Standard)
: 1.5V~6.0V
: 1.6V,2.2V,2.3V,2.4V,2.9V,3.0V,
3.1V,4.4V,4.5V,4.6V,±1.0%
Detect Voltage Range(Option)
: 1.6V~5.0V (±1.0%)
Hysteresis Width
: VDFL×5%
Temperature Characteristics
: ±50ppm/℃
Output Configuration
: N-channel open drain output
Low Power Consumption
: 8.1μA Detect
9.8μA Release
2.5μA Release (EN=L)
Function
: Manual Reset (XD6130)
: Watchdog function OFF (XD6131)
WD Timeout Time
: 100ms (Cd=0.1μF)
Release Delay Time
: 100ms (Cd=0.1μF) (at power on)
10ms (Cd=0.1μF)
(After Watchdog Timeout)
Package
: SOT-26
Environmentally Friendly
: EU RoHS compliant, Pb free
TYPICAL APPLICATION CIRCUIT
ETR02039-003
TYPICAL PERFORMANCE
CHARACTERISTICS
The above values do not include the current that flows to the EN pull-up resistance.
XC6131A301MR-G
0
2
4
6
8
10
12
14
01
2
3
4
5
6
Input Voltage:VIN(V)
WD Function ON
WD Function OFF
Cd=0.01μF, WD=RESETB=OPEN, Ta=25℃
EN=VSS(WD Function OFF)
EN=VIN (WD Function ON)
XD6130 Series
XD6131 Series
☆AEC-Q100 Grade1
XD6131A301MR-Q


Numéro de pièce similaire - XD6130

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XD6132 TOREX-XD6132 Datasheet
547Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XD6133 TOREX-XD6133 Datasheet
600Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
More results

Description similaire - XD6130

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC6130 TOREX-XC6130 Datasheet
501Kb / 30P
   Watchdog Timeout Period Externally Adjustable Voltage Detector
logo
Maxim Integrated Produc...
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
   High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
logo
Rohm
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com