Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC3G07DC Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74LVC3G07DC
Description  Triple buffer with open-drain output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G07DC Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC3G07DC Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07DC Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07DC Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07DC Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07DC Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07DC Datasheet HTML 9Page - NXP Semiconductors 74LVC3G07DC Datasheet HTML 10Page - NXP Semiconductors 74LVC3G07DC Datasheet HTML 11Page - NXP Semiconductors 74LVC3G07DC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
9397 750 14542
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
8 of 14
Philips Semiconductors
74LVC3G07
Triple buffer with open-drain output
Table 10:
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
VM
VX
1.65 V to 1.95 V
0.5
× V
CC
VCC
0.5
× V
CC
VOL + 0.15 V
2.3 V to 2.7 V
0.5
× VCC
VCC
0.5
× V
CC
VOL + 0.15 V
2.7 V
1.5 V
2.7 V
1.5 V
VOL + 0.3 V
3.0 V to 3.6 V
1.5 V
2.7 V
1.5 V
VOL + 0.3 V
4.5 V to 5.5 V
0.5
× VCC
VCC
0.5
× V
CC
VOL + 0.3 V
Test data are given in Table 11.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse
generator.
Fig 7.
Load circuitry for switching times
Table 11:
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr = tf
CL
RL
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
2
× VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
2
× VCC
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
6 V
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
6 V
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
2
× VCC
VEXT
VCC
VI
VO
mna616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR


Numéro de pièce similaire - 74LVC3G07DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC3G07DC NXP-74LVC3G07DC Datasheet
101Kb / 16P
   Triple buffer with open-drain output
Rev. 06-16 June 2008
logo
Nexperia B.V. All right...
74LVC3G07DC NEXPERIA-74LVC3G07DC Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
74LVC3G07DC-Q100 NEXPERIA-74LVC3G07DC-Q100 Datasheet
202Kb / 11P
   Triple buffer with open-drain output
More results

Description similaire - 74LVC3G07DC

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC3G07-Q100 NEXPERIA-74LVC3G07-Q100 Datasheet
202Kb / 11P
   Triple buffer with open-drain output
logo
NXP Semiconductors
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
   Triple buffer with open-drain output
Rev. 11-9 April 2013
74LVC3G07 NXP-74LVC3G07 Datasheet
101Kb / 16P
   Triple buffer with open-drain output
Rev. 06-16 June 2008
logo
Nexperia B.V. All right...
74LVC3G07 NEXPERIA-74LVC3G07 Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
logo
Nexperia B.V. All right...
74AUP3G07 NEXPERIA-74AUP3G07 Datasheet
792Kb / 18P
   Low-power triple buffer with open-drain output
logo
STMicroelectronics
74V2G07 STMICROELECTRONICS-74V2G07 Datasheet
199Kb / 9P
   TRIPLE BUFFER (OPEN DRAIN)
November 2001
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com