Moteur de recherche de fiches techniques de composants électroniques |
|
TD351 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
TD351 Fiches technique(HTML) 5 Page - STMicroelectronics |
5 / 12 page Functional Description TD351 5/12 4 Functional Description 4.1 Input stage TD351 input is compatible with optocouplers or pulse transformers. The input is triggered by the signal edge and allows the use of low-sized, low- cost pulse transformer. Input is active low: output is driven high when input is driven low. The IN input is internally clamped at about 5V to 7V. When using an open collector optocoupler, the resistive pull-up resistor can be connected to either VREF or VH. Recommended pull-up resistor value with VH=16V are from 4.7k to 22k. When driven by a pulse transformer, the input positive and negative pulse widths at the Vton and Vtoff threshold voltages must be larger than the minimum pulse width tonmin (see fig. 4). This feature acts as a filter against invalid input pulses smaller than tonmin. 4.2 Voltage reference A voltage reference is used to create accurate timing for the turn-on delay with external resistor and capacitor. The same circuitry is also used for the two-level turn-off delay. A decoupling capacitor (10nF to 100nF) on VREF pin is required to ensure good noise rejection. 4.3 Active Miller clamp: The TD351 offers an alternative solution to the problem of the Miller current in IGBT switching applications. Instead of driving the IGBT gate to a negative voltage to increase the safety margin, the TD351 uses a dedicated CLAMP pin to control the Miller current. When the IGBT is off, a low impedance path is established between IGBT gate and emitter to carry the Miller current, and the voltage spike on the IGBT gate is greatly reduced. During turn-off, the gate voltage is monitored and the clamp output is activated when gate voltage goes below 2V (relative to VL). The clamp voltage is VL+4V max for a Miller current up to 500mA. The clamp is disabled when the IN input is triggered again. The CLAMP function doesn’t affect the turn-off characteristic, but only keeps the gate to the low level throughout the off time. The main benefit is that negative voltage can be avoided in many cases, allowing a bootstrap technique for the high side driver supply. 4.4 Two level turn-off During turn-off, gate voltage can be reduced to a programmable level in order to reduce the IGBT current (in the event of over-current). This action avoids both dangerous overvoltage across the IGBT, and RBSOA problems, especially at short circuit turn-off. Turn-off (Ta) delay is programmable through external resistor Rd and capacitor Cd for accurate timing. Ta is approximately given by: Ta (µs) = 0.7. Rd (kOhms). Cd (nF) Turn-off delay (Ta) is also used to delay the input signal to prevent distortion of input pulse width. The Two level turn-off sequence can be disabled by connecting LVOFF pin to VH and connecting CD pin to VREF with a 4.7k resistor. 4.5 Minimum Input ON-time Input signals with ON-time smaller than Ta are ignored. ON-time signals larger than Ta+2.Rdel.Cd (Rdel is the internal discharge switch resistance, Cd is the external timing capacitor) are transmitted to the output stage after the Ta delay with minimum width distortion ( ∆Tw=Twout-Twin). For ON-time input signals close to Ta (between Ta and Ta+2.Rdel.Cd), the 2-level duration is slightly reduced and the total output width can be smaller than the input width (see fig. 5). 4.6 Output stage The output stage is able to sink/source 1.7A/1.3A typical at 25°C and 1.0A/0.75A min. over the full temperature range. This current capability is specified near the usual IGBT Miller plateau. 4.7 Undervoltage protection Undervoltage detection protects the application in the event of a low VH supply voltage (during start- up or a fault situation). During undervoltage, the OUT pin is driven low (active pull-down for VH>2V, passive pull-down for VH<2V. VH OUT 2V UVH UVL Vccmin FAULT |
Numéro de pièce similaire - TD351 |
|
Description similaire - TD351 |