Moteur de recherche de fiches techniques de composants électroniques |
|
TC74LCX16244FT Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
TC74LCX16244FT Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC74LCX16244FT 2002-10-1 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74LCX16244FT Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs The TC74LCX16244FT is a high-performance CMOS 16-bit bus buffer. Designed for use in 2.5-V or 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. The device is designed for low-voltage (2.5-V or 3.3-V) VCC applications, but it could be used to interface to 5 V supply environment for both inputs and outputs. This device is non-inverting 3-state buffer having four active-low output enables. It can be used as four 4-bit buffers two 8-bit buffers or one 16-bit buffer. When the OE input is high, the outputs are in a high-impedance state. This device is designed to be used with 3-state memory address drivers, etc. All inputs are equipped with protection circuits against static discharge. Features · Low-voltage operation: VCC = 2.0 to 3.6 V · High-speed operation: tpd = 4.5 ns (max) (VCC = 3.0 to 3.6 V) · Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V) · Latch-up performance: ±500 mA · Package: TSSOP (thin shrink small outline package) · Power-down protection provided on all inputs and outputs Weight: 0.25 g (typ.) |
Numéro de pièce similaire - TC74LCX16244FT |
|
Description similaire - TC74LCX16244FT |