Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NV25256WF Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce NV25256WF
Description  256-Kb SPI Serial Automotive EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25256WF Fiches technique(HTML) 4 Page - ON Semiconductor

  NV25256WF Datasheet HTML 1Page - ON Semiconductor NV25256WF Datasheet HTML 2Page - ON Semiconductor NV25256WF Datasheet HTML 3Page - ON Semiconductor NV25256WF Datasheet HTML 4Page - ON Semiconductor NV25256WF Datasheet HTML 5Page - ON Semiconductor NV25256WF Datasheet HTML 6Page - ON Semiconductor NV25256WF Datasheet HTML 7Page - ON Semiconductor NV25256WF Datasheet HTML 8Page - ON Semiconductor NV25256WF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NV25256WF
www.onsemi.com
4
Pin Description
SI: The serial data input pin accepts op−codes, addresses
and data. In SPI modes (0,0) and (1,1) input data is latched
on the rising edge of the SCK clock input.
SO: The serial data output pin is used to transfer data out of
the device. In SPI modes (0,0) and (1,1) data is shifted out
on the falling edge of the SCK clock.
SCK: The serial clock input pin accepts the clock provided
by the host and used for synchronizing communication
between host and NV25256.
CS: The chip select input pin is used to enable/disable the
NV25256. When CS is high, the SO output is tri−stated (high
impedance) and the device is in Standby Mode (unless an
internal write operation is in progress). Every communication
session between host and NV25256 must be preceded by a
high to low transition and concluded with a low to high
transition of the CS input.
WP:
The write protect input pin will allow all write
operations to the device when held high. When WP pin is
tied low and the WPEN bit in the Status Register (refer to
Status Register description, later in this Data Sheet) is set to
“1”, writing to the Status Register is disabled.
HOLD: The HOLD input pin is used to pause transmission
between host and NV25256, without having to retransmit
the entire sequence at a later time. To pause, HOLD must be
taken low and to resume it must be taken back high, with the
SCK input low during both transitions. When not used for
pausing, it is recommended the HOLD input to be tied to
VCC, either directly or through a resistor.
Functional Description
The NV25256 device supports the Serial Peripheral
Interface (SPI) bus protocol, modes (0,0) and (1,1). The
device contains an 8−bit instruction register. The instruction
set and associated op−codes are listed in Table 7.
Reading data stored in the NV25256 is accomplished by
simply providing the READ command and an address.
Writing to the NV25256, in addition to a WRITE command,
address and data, also requires enabling the device for
writing by first setting certain bits in a Status Register, as will
be explained later.
After a high to low transition on the CS input pin, the
NV25256 will accept any one of the six instruction op−codes
listed in Table 7 and will ignore all other possible 8−bit
combinations. The communication protocol follows the
timing from Figure 2.
The NV25256 features an additional Identification Page
(64 bytes) which can be accessed for Read and Write
operations when the IPL bit from the Status Register is set
to “1”. The user can also choose to make the Identification
Page permanent write protected.
Table 7. INSTRUCTION SET
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory
WRITE
0000 0010
Write Data to Memory
Figure 2. Synchronous Data Timing
CS
SCK
SI
SO
tCNH
tCSS
tWH
tWL
tSU
tH
HI−Z
VALID
IN
VALID
OUT
tCSH
tRI
tFI
tV
tV
tHO
tCNS
tCS
HI−Z
tDIS


Numéro de pièce similaire - NV25256WF

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NV25256 ONSEMI-NV25256 Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25256DTHFT3G ONSEMI-NV25256DTHFT3G Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25256DWHFT3G ONSEMI-NV25256DWHFT3G Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25256MUW ONSEMI-NV25256MUW Datasheet
250Kb / 12P
   EEPROM Serial 256-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 2
NV25256MUW3VTBG ONSEMI-NV25256MUW3VTBG Datasheet
250Kb / 12P
   EEPROM Serial 256-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 2
More results

Description similaire - NV25256WF

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256LI-G ONSEMI-CAT25256LI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256VI-G ONSEMI-CAT25256VI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_12 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
NV25128 ONSEMI-NV25128 Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com