Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NV25128WF Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce NV25128WF
Description  EEPROM Serial 128-Kb SPI
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25128WF Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button NV25128WF Datasheet HTML 2Page - ON Semiconductor NV25128WF Datasheet HTML 3Page - ON Semiconductor NV25128WF Datasheet HTML 4Page - ON Semiconductor NV25128WF Datasheet HTML 5Page - ON Semiconductor NV25128WF Datasheet HTML 6Page - ON Semiconductor NV25128WF Datasheet HTML 7Page - ON Semiconductor NV25128WF Datasheet HTML 8Page - ON Semiconductor NV25128WF Datasheet HTML 9Page - ON Semiconductor NV25128WF Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NV25128WF
www.onsemi.com
6
WRITE OPERATIONS
The NV25128 device powers up into a write disable state.
The device contains a Write Enable Latch (WEL) which
must be set before attempting to write to the memory array
or to the status register. In addition, the address of the
memory location(s) to be written must be outside the
protected area, as defined by BP0 and BP1 bits from the
status register.
Write Enable and Write Disable
The internal Write Enable Latch and the corresponding
Status Register WEL bit are set by sending the WREN
instruction to the NV25128. Care must be taken to take the
CS input high after the WREN instruction, as otherwise the
Write Enable Latch will not be properly set. WREN timing
is illustrated in Figure 3. The WREN instruction must be
sent prior to any WRITE or WRSR instruction.
The internal write enable latch is reset by sending the
WRDI instruction as shown in Figure 4. Disabling write
operations by resetting the WEL bit, will protect the device
against inadvertent writes.
Figure 3. WREN Timing
SCK
SI
SO
00
0
0
0
11
0
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
Figure 4. WRDI Timing
SCK
SI
SO
0
0
000
10
0
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS


Numéro de pièce similaire - NV25128WF

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NV25128 ONSEMI-NV25128 Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25128DTHFT3G ONSEMI-NV25128DTHFT3G Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25128DWHFT3G ONSEMI-NV25128DWHFT3G Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25128MUW ONSEMI-NV25128MUW Datasheet
250Kb / 12P
   EEPROM Serial 128-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 3
NV25128MUW3VTBG ONSEMI-NV25128MUW3VTBG Datasheet
250Kb / 12P
   EEPROM Serial 128-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 3
More results

Description similaire - NV25128WF

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
NV25128 ONSEMI-NV25128 Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com