Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RP1315B Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce RP1315B
Description  PIN Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RP1315B Fiches technique(HTML) 1 Page - Sumida Corporation

  RP1315B Datasheet HTML 1Page - Sumida Corporation RP1315B Datasheet HTML 2Page - Sumida Corporation RP1315B Datasheet HTML 3Page - Sumida Corporation RP1315B Datasheet HTML 4Page - Sumida Corporation RP1315B Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PIN Power Inductor
RP1315B
Page 1 of 5
Revised: 10-Jan-17
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L×W×H:13.0×13.0×15.0mm Max.
• Product weight: 6.1g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40℃~+105℃
(
including coil’s self temperature rise)
• Storage temperature range: -40℃~+105℃
Packaging
• Box packaging.
Applications
• Ideally used in Printers, LCD TV, DVD, Copy
Machine ,etc as DC-DC Converter inductors.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
2-φ
1.2±
0.1
S
F
2
1
15.0 MAX.
5.0±0.5
PIN1 MARK


Numéro de pièce similaire - RP1315B

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
147Kb / 5P
   PIN Power Inductor
RP1315BNP-101M SUMIDA-RP1315BNP-101M Datasheet
147Kb / 5P
   PIN Power Inductor
RP1315BNP-102M SUMIDA-RP1315BNP-102M Datasheet
147Kb / 5P
   PIN Power Inductor
RP1315BNP-120M SUMIDA-RP1315BNP-120M Datasheet
147Kb / 5P
   PIN Power Inductor
More results

Description similaire - RP1315B

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com