Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IR928-6C Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce IR928-6C
Description  EVERLIGHTs Infrared Emitting Diode IR928-6C is a high intensity diode , molded in a water clear plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IR928-6C Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  IR928-6C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 5 of 7
Device No:CDIR-090-005
Prepared date:2003/3/31
Prepared by: Denky
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
020
10
0
10
10
0
10
1
10
23
10
4
10
100
1000
IF-Forward Current (mA)
25
0
5
50
75
100
120
IF
=20mA
10
15
25
1
1.1
1.2
1.3
50
75
100
120
IF=20mA
IR928-6C
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Intensity vs.
Fig.6 Relative Radiant Intensity vs.
Forward Current
Angular Displacement
Fig.7 Relative Intensity vs.
Fig.8 Forward Current vs.
Ambient Temperature(°C)
Ambient Temperature(°C)


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn