Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IR908-7C Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce IR908-7C
Description  EVERLIGHTs Infrared Emitting Diode IR908-7C is a high intensity diode , molded in a water clear plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IR908-7C Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  IR908-7C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 1 of 7
Device No:DIR-090-106
Prepared date:2004/7/19
Prepared by: Jay chou
Technical Data Sheet
Side Face Infrared LED
IR908-7C
Features
․High reliability
․High radiant intensity
․Peak wavelength λp=940nm
․2.54mm Lead spacing
․Low forward voltage
․Pb free
Descriptions
․EVERLIGHT’s Infrared Emitting Diode IR908-7C is a
high intensity diode , molded in a water clear plastic package.
The miniature side- facing device has a chip ,
that emits radiation from the side of the clear package.
Applications
‧Mouse
‧Optoelectronic switch
‧Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
IR
GaAlAs
Water clear


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn