Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IR908-7C Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce IR908-7C
Description  EVERLIGHTs Infrared Emitting Diode IR908-7C is a high intensity diode , molded in a water clear plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IR908-7C Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  IR908-7C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 6 of 7
Device No:DIR-090-106
Prepared date:2004/7/19
Prepared by: Jay chou
IR908-7C
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP.:260℃±5℃
10secs
22pcs
0/1
2
Temperature Cycle H : +85℃
30mins
5mins
L : -55℃
30mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-55℃
1000hrs
22pcs
0/1
6
DC Operating Life
IF=20mA
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IR≧U×2
Ee≦L×0.8
VF≧U×1.2
U:Upper
Specification
Limit
L:Lower
Specification
Limit
0/1


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn