Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IR908-7C Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce IR908-7C
Description  EVERLIGHTs Infrared Emitting Diode IR908-7C is a high intensity diode , molded in a water clear plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IR908-7C Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  IR908-7C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 3 of 7
Device No:DIR-090-106
Prepared date:2004/7/19
Prepared by: Jay chou
IR908-7C
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
IF=4mA,VCE=3.5V
350
--
710
μA
Light Current
Ic(ON)
IF=5mA,VON=5V
20
--
50
Peak Wavelength
λp
IF=20mA
--
940
--
nm
Spectral
Bandwidth
Δλ
IF=20mA
--
45
--
nm
IF=20mA
1.2
1.5
IF=100mA
Pulse Width≦100μs ,Duty≦1%
--
1.4
1.8
Forward Voltage
VF
IF=1A
Pulse Width≦100μs ,Duty≦1%.
--
2.6
4.0
V
Reverse Current
IR
VR=5V
--
--
10
μA
View Angle
2θ1/2
IF=20mA
--
60
--
deg
Rank
Condition:IF=4mA
Vce=3.5V
Color Code
Parameter
Min
Max
Unit
Red
E1
140
260
μA
Blue
E2
210
350
μA
Yellow
E3
280
440
μA
Silver
E4
350
530
μA
Green
E5
420
620
μA
Purple
E6
490
710
μA
White
E7
560
800
μA
Brown
E8
630
890
μA
Orange
E9
700
980
μA
Rough Ranks
Parameter
Min
Max
Unit
7-2
300
450
μA
7-1
340
520
μA
6-2
490
750
μA
6-1
650
1300
μA


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn