Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IR908-7C Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce IR908-7C
Description  EVERLIGHTs Infrared Emitting Diode IR908-7C is a high intensity diode , molded in a water clear plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IR908-7C Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  IR908-7C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 2 of 7
Device No:DIR-090-106
Prepared date:2004/7/19
Prepared by: Jay chou
IR908-7C
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.25mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
100
mA
Peak Forward Current
IFP
1.0
A
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
Tsol
260
Power Dissipation at(or below)
25℃Free Air Temperature
Pd
150
mW
Notes: *1:IFP Conditions--Pulse Width≦100μs and Duty≦1%.
*2:Soldering time≦5 seconds.


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn