Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM3085AN Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADM3085AN
Description  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM3085AN Fiches technique(HTML) 1 Page - Analog Devices

  ADM3085AN Datasheet HTML 1Page - Analog Devices ADM3085AN Datasheet HTML 2Page - Analog Devices ADM3085AN Datasheet HTML 3Page - Analog Devices ADM3085AN Datasheet HTML 4Page - Analog Devices ADM3085AN Datasheet HTML 5Page - Analog Devices ADM3085AN Datasheet HTML 6Page - Analog Devices ADM3085AN Datasheet HTML 7Page - Analog Devices ADM3085AN Datasheet HTML 8Page - Analog Devices ADM3085AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY TECHNICAL DATA
a
High-Speed(10Mbps),Fail-Safe,RS-485/RS-422
TransceiverswithSlew-Rate-Limiting
and±15kVESD Protection
ADM3082/ADM3085/ADM3088
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 2002
GENERAL
DESCRIPTION
The ADM3082/ADM3085/ADM3088 are high-speed
RS-485/RS-422 transceivers consisting of one driver and one
receiver per package. The devices feature fail-safe operation,
ensuring a logic-high receiver output when the receiver in-
puts are open-circuit or short-circuit. This guarantees that
the receiver output will be high if all the transmitters on a
terminated bus are disabled (high-impedance).
The ADM3082 has a slew-rate limited driver to minimize
electromagnetic interference (EMI) and reduce reflections
caused by incorrectly terminated cables. This allows error-
free transmission at data rates up to 115kbps.
The ADM3085 offers a higher slew rate allowing data rates
up to 500kbps, while the ADM3088 has a driver whose slew
rate is not limited, allowing data rates up to 10Mbps.
All devices in the family feature ±15kV electrostatic dis-
charge (ESD) protection and high receiver input imped-
ance (1/8 unit load), allowing up to 256 transceivers on
the bus. The devices have low current drain of 375µA un-
loaded, or fully loaded with the drivers disabled, and fea-
ture an ultra-low power (1nA) shutdown mode.
FEATURES
Enhanced Slew Rate Limiting for Error-Free Data
Transmission
Fail-Safe Receiver Operation while Maintaining
EIA/TIA-485 compatibility
Low-Current (1nA) Shutdown Mode
High Input Impedance — Up to 256 Transceivers on Bus
±15kV ESD Protection (Human Body Model) on
RS-485 I/O pins
Pin-Compatible with Industry Standard 75176
APPLICATIONS
Enhanced Replacement for Industry-Standard Parts
EMI-Sensitive Systems
Level Translation
LANs for Industrial Control Applications
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
8
7
6
5
D
R
RO
RE
DE
DI
V CC
B
A
GND
AD M30 82/A D M308 5/AD M 3088
REV. PrA 02/02


Numéro de pièce similaire - ADM3085AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3050E AD-ADM3050E Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ AD-ADM3050EBRIZ Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ-RL AD-ADM3050EBRIZ-RL Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
More results

Description similaire - ADM3085AN

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com