Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8354 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8354
Description  100 MHz-2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8354 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8354 Datasheet HTML 6Page - Analog Devices AD8354 Datasheet HTML 7Page - Analog Devices AD8354 Datasheet HTML 8Page - Analog Devices AD8354 Datasheet HTML 9Page - Analog Devices AD8354 Datasheet HTML 10Page - Analog Devices AD8354 Datasheet HTML 11Page - Analog Devices AD8354 Datasheet HTML 12Page - Analog Devices AD8354 Datasheet HTML 13Page - Analog Devices AD8354 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
–10–
AD8354
NOISE FIGURE (dB)
0
4.5
25
20
15
10
5
30
35
40
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
TPC 31. Distribution of Noise Figure, VS = 5 V,
TA = 25 C, f = 2.2 GHz
TEMPERATURE ( C)
0
–60
5
10
15
20
25
30
IS AT 5.0V
IS AT 5.5V
IS AT 4.5V
–40
–20
0
20
40
60
80
100
35
TPC 32. Supply Current vs. Temperature, VS = 4.5 V,
5 V, and 5.5 V
PIN (dBm)
15
–15
–30
–25
–20
–15
–10
–5
0
10
5
0
–5
–10
20
14
19
18
17
16
15
TPC 33. Output Power and Gain vs. Input Power,
VS = 3 V, TA = 25 C, f = 900 MHz
PIN (dBm)
–30
–25
–20
–15
–10
–5
0
–15
10
5
0
–10
20
14
19
18
17
16
15
–5
15
TPC 34. Output Power and Gain vs. Input Power,
VS = 5 V, TA = 25 C, f = 900 MHz


Numéro de pièce similaire - AD8354

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8354 AD-AD8354 Datasheet
364Kb / 16P
   RF Gain Block
AD8354-EVAL AD-AD8354-EVAL Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8354-EVALZ AD-AD8354-EVALZ Datasheet
364Kb / 16P
   RF Gain Block
AD8354ACP-R2 AD-AD8354ACP-R2 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
More results

Description similaire - AD8354

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com