Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SA0879 Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce 2SA0879
Description  For general amplification Complementary to 2SC1573
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA0879 Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  2SA0879 Datasheet HTML 1Page - Panasonic Semiconductor 2SA0879 Datasheet HTML 2Page - Panasonic Semiconductor 2SA0879 Datasheet HTML 3Page - Panasonic Semiconductor 2SA0879 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA0879
3
SJC00006BED
IEBO  Ta
ICBO  Ta
Safe operation area
0200
160
40
120
80
1
10
100
1 000
10 000
VEB
= −5 V
Ambient temperature T
a (°C)
0
200
160
40
120
80
1
10
100
1 000
10000
VCB
= −250 V
Ambient temperature T
a (°C)
−1
−10
−100
−1000
− 0.1
−1
−10
−100
−1000
Single pulse
Ta
= 25°C
t
= 10 ms
t
= 1 s
ICP
IC
Collector-emitter voltage V
CE (V)


Html Pages

1  2  3  4