Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ599-Z Fiches technique(PDF) 2 Page - NEC

No de pièce 2SJ599-Z
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SJ599-Z Fiches technique(HTML) 2 Page - NEC

  2SJ599-Z Datasheet HTML 1Page - NEC 2SJ599-Z Datasheet HTML 2Page - NEC 2SJ599-Z Datasheet HTML 3Page - NEC 2SJ599-Z Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary Data Sheet D14644EJ1V0DS
2
2SJ599
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = –60 V, VGS = 0 V
–10
µA
Gate Leakage Current
IGSS
VGS = +20 V, VDS = 0 V
+10
µA
Gate Cut-off Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = –10 V, ID = –10 A8
16
S
Drain to Source On-state Resistance
RDS(on)1
VGS = –10 V, ID = –10 A60
75
m
RDS(on)2
VGS = –4.0 V, ID = –10 A
78
111
m
Input Capacitance
Ciss
VDS = –10 V,
1300
pF
Output Capacitance
Coss
VGS = 0 V,
240
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
100
pF
Turn-on Delay Time
td(on)
ID = –10 A,
8
ns
Rise Time
tr
VGS(on) = –10 V,
9
ns
Turn-off Delay Time
td(off)
VDD = –30 V,
52
ns
Fall Time
tf
RG = 0
16
ns
Total Gate Charge
QG
ID = –20A,
26
nC
Gate to Source Charge
QGS
VDD= –48 V,
5
nC
Gate to Drain Charge
QGD
VGS = –10 V7
nC
Body Diode Forward Voltage
VF(S-D)
IF = –20 A, VGS = 0 V1.0
V
Reverse Recovery Time
trr
IF = –20 A, VGS = 0 V51
ns
Reverse Recovery Charge
Qrr
di/dt = –100 A /
µs
102
nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
50
PG
L
VDD
VGS = –20 V
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS (
−)
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS (
−)
10%
90%
VGS(on)
10%
0
VDS (
−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG =
−2 mA


Numéro de pièce similaire - 2SJ599-Z

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SJ599-Z KEXIN-2SJ599-Z Datasheet
978Kb / 2P
   P-Channel MOSFET
logo
Renesas Technology Corp
2SJ599-Z RENESAS-2SJ599-Z Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
Guangdong Kexin Industr...
2SJ599-Z KEXIN-2SJ599-Z_15 Datasheet
978Kb / 2P
   P-Channel MOSFET
More results

Description similaire - 2SJ599-Z

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1717 NEC-UPA1717 Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com