Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE928S Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE928S
Description  Integrated Circuit Low Power Dual Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE928S Fiches technique(HTML) 1 Page - NTE Electronics

  NTE928S Datasheet HTML 1Page - NTE Electronics NTE928S Datasheet HTML 2Page - NTE Electronics NTE928S Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE928S
Integrated Circuit
Low Power Dual Operational Amplifier
Description:
Utilizing the circuit designs perfected for recently introduced Quad Operational Amplifiers, the
NTE928S dual operational amplifier features low power drain, a common mode input voltage range
extending to ground/VEE, and Single Supply or Split Supply Operation.
This amplifier has several distinct advantages over standard operational amplifier types in single sup-
ply applications. It can operate at supply voltages as low as 3.0 Volts or as high as 32 Volts with quies-
cent currents about one–fifth of those associated with the NTE941 (on a per amplifier basis). The
common mode input range includes the negative supply, thereby eliminating the necessity for exter-
nal biasing power supply voltage.
Features:
D Short Circuit Protected Outputs
D True Differential Input Stage
D Single Supply Operation: 3.0 to 32 Volts
D Low Input Bias Currents
D Internally compensated
D Common Mode Range Extends to Negative Supply
D Single and Split Supply Operation
Maximum Ratings:
Power Supply Voltages
Single Supply, VCC
32V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Split Supplies, VCC VEE
±16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Differential Voltage Range (Note 1), VIDR
±32V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Common Mode Voltage Range (Note 2), VICR
–0.3 to 32V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Forward Current (VI –0.3V, Note 3), IIF
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short Circuit Duration, tS
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Split Power Supplies
Note 2. For supply voltages less than 32V, the absolute maximum input voltage is equal to the supply
voltage.
Note 3. This input current will only exist when the voltage is negative at any of the input leads. Normal
output states will reestablish when the input voltage returns to a voltage greater than 0.3V.


Numéro de pièce similaire - NTE928S

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE928SM NTE-NTE928SM Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
More results

Description similaire - NTE928S

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928M NTE-NTE928M Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE778A NTE-NTE778A Datasheet
27Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE947 NTE-NTE947 Datasheet
29Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE888M NTE-NTE888M Datasheet
25Kb / 3P
   Integrated Circuit Low Power Programmable Operational Amplifier
NTE891M NTE-NTE891M Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Operational Amplifier
NTE894M NTE-NTE894M Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
NTE Electronics
NTE858M NTE-NTE858M Datasheet
28Kb / 3P
   Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier
logo
KEC(Korea Electronics)
KIA4558P KEC-KIA4558P Datasheet
93Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com