Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC4015 Datasheet(Fiches technique) 2 Page - Rohm

Numéro de pièce 2SC4015
Description  Chroma Amplifier Transistor (300V, 0.1A)
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SC4015 Datasheet(HTML) 2 Page - Rohm

  2SC4015 Datenblatt HTML 1Page - Rohm 2SC4015 Datasheet HTML 2Page - Rohm 2SC4015 Datenblatt HTML 3Page - Rohm 2SC4015 Datenblatt HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4061K / 2SC3415S / 2SC4015
Transistors
Rev.A
2/3
Electrical characteristics curves
100
60
40
20
0
02
4
6
8
10
80
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Ground emitter output
characteristics (
Ι )
Ta
=25°C
IB
=0.2mA
0.4mA
2.0mA
1.8mA
1.6mA
1.4mA
1.2mA
0.6mA
0.8mA
1.0mA
100
60
40
20
0
04
8
12
16
20
80
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2 Ground emitter output
characteristics (
ΙΙ )
Ta
=25°C
IB
=0.2mA
0.4mA
0.6mA
2.0mA
1.8mA
1.6mA
1.4mA
1.2mA
0.8mA
1.0mA
200
400
600
800
1000
1200
1400
1600
200
100
20
10
2
1
0.5
5
50
BASE TO EMITTER VOLTAGE : VBE (mV)
Fig.3 Ground emitter propagation
characteristics
VCE
=10V
5
10
20
50
100
500
200
0.2
0.5 1
2
5 10
20
50 100
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain
vs. collector current (
Ι )
Ta
=25°C
VCE
=10V
5V
COLLECTOR CURRENT : IC (mA)
Fig.5 DC current gain
vs. collector current (
ΙΙ )
5
2
10
20
50
100
500
200
0.2
0.5 1
2
5 10
20
50 100
VCE
=10V
Ta
=100°C
25
°C
−25°C
0.02
0.05
0.1
0.2
0.5
1
2
0.2
0.5 1
2
5 10
20
50 100
COLLECTOR CURRENT : IC (mA)
Fig.6 Collector-emitter saturation voltage
vs. collector current
Ta
=25°C
IC/IB
=10
5
10
2
1
0.5
5
20
1
2
5
10
20
50
100
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.9 Collector output capacitance
vs. collector-base voltage
Ta
=25°C
f
=1MHz
IE
=0A
0.02
0.05
0.1
0.2
0.5
1
2
0.2
0.5 1
2
5 10
20
50 100
COLLECTOR CURRENT : IC (mA)
Fig.7 Collector-emitter saturation voltage
Base-emitter saturation voltage
vs. collector current
IC/IB
=10
Ta
=−25°C
Ta
=100°C
25
°C
25
°C
100
°C
−25°C
VBE(sat)
VCE(sat)
100
20
10
5
50
200
−1
−2
−5
−10
−20
−50
−100
EMITTER CURRENT : IE (mA)
Fig.8 Gain bandwidth product
vs. emitter current
Ta
=25°C
VCE
=30
10V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn