Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTE928 Fiches technique(PDF) 3 Page - NTE Electronics

No de pièce NTE928
Description  Integrated Circuit Low Power Dual Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE928 Fiches technique(HTML) 3 Page - NTE Electronics

  NTE928 Datasheet HTML 1Page - NTE Electronics NTE928 Datasheet HTML 2Page - NTE Electronics NTE928 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pin Connection Diagram
(Top View)
8
7
6
5
4
3
2
1
Output A
Inverting Input A
Non–Inverting Input A
VEE (GND)
Non–Inverting Input B
Inverting Input B
Output B
VCC
.177 (4.5)
Max
.492
(12.5)
Min
.370 (9.39) Dia Max
.355 (9.03) Dia Max
45
°
.032 (0.82)
.018 (0.45) Dia Typ
.200 (5.08)
Dia
1
2
3
4
5
6
7
8


Html Pages

1  2  3