Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0330122021 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 0330122021
Description  MX150 Female Terminal, Tin Plating, 14 and 16 AWG, Right Reel Payoff, Use with MX150 Unsealed Connectors. Not suitable for MX150 Sealed Connectors.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX1 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0330122021 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  0330122021_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0330122021_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This document was generated on 10/01/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 0330122021_18

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0330122021 MOLEX4-0330122021 Datasheet
800Kb / 7P
   MX150??Female Terminal
More results

Description similaire - 0330122021_18

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0330123021 MOLEX1-0330123021_18 Datasheet
37Kb / 2P
   MX150 Female Terminal, Tin Plating, 14 and 16 AWG, Left Reel Payoff, Use with MX150 Unsealed Connectors. Not suitable for MX150 Sealed Connectors
0330122022 MOLEX1-0330122022_18 Datasheet
37Kb / 2P
   MX150 Female Terminal, Tin Plating, 18 and 20 AWG, Right Reel Payoff, Use with MX150 Unsealed Connectors. Not suitable for MX150 Sealed Connectors
0330122023 MOLEX1-0330122023_18 Datasheet
37Kb / 2P
   MX150 Female Terminal, Tin Plating, 22 AWG, Right Reel Payoff, Note: Use with MX150 Unsealed Connectors. Not suitable for MX150 Sealed Connectors
0330123023 MOLEX1-0330123023_18 Datasheet
37Kb / 2P
   MX150 Female Terminal, Tin Plating, 22 AWG, Left Reel Payoff, Use with MX150 Unsealed Connectors. Not suitable for MX150 Sealed Connectors
0330123022 MOLEX1-0330123022_18 Datasheet
37Kb / 2P
   MX150 Female Terminal, Tin Plating, 18 and 20 AWG, Left Reel Payoff, Use with MX150 Unsealed Connectors. Not suitable for MX150 Sealed Connectors
0330122001 MOLEX1-0330122001_18 Datasheet
37Kb / 2P
   MX150 Female Terminal Sealed, Tin Plating, 14 and 16 AWG, Right Reel Payoff
0330123001 MOLEX1-0330123001_18 Datasheet
37Kb / 2P
   MX150 Female Terminal Sealed, Tin Plating, 14 and 16 AWG, Left Reel Payoff
0330014001 MOLEX1-0330014001_18 Datasheet
38Kb / 2P
   MX150 Female Terminal Sealed, Silver Plating, 14 and 16 AWG, Right Reel Payoff
0330012003 MOLEX1-0330012003_18 Datasheet
37Kb / 2P
   MX150 Female Terminal Sealed, Gold Plating, 14 and 16 AWG, Right Reel Payoff
0330122003 MOLEX1-0330122003_18 Datasheet
37Kb / 2P
   MX150 Female Terminal Sealed, Tin Plating, 22 AWG, Right Reel Payoff
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com