Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-120 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce STK672-120
Description  Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-120 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  STK672-120 Datasheet HTML 1Page - Sanyo Semicon Device STK672-120 Datasheet HTML 2Page - Sanyo Semicon Device STK672-120 Datasheet HTML 3Page - Sanyo Semicon Device STK672-120 Datasheet HTML 4Page - Sanyo Semicon Device STK672-120 Datasheet HTML 5Page - Sanyo Semicon Device STK672-120 Datasheet HTML 6Page - Sanyo Semicon Device STK672-120 Datasheet HTML 7Page - Sanyo Semicon Device STK672-120 Datasheet HTML 8Page - Sanyo Semicon Device STK672-120 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ordering number : EN6042
12299RM(OT) No. 6042-1/9
Overview
The STK672-120 is a unipolar fixed-current chopper type
2-phase stepping motor driver hybrid IC. It features power
MOSFETs in the output stage and a built-in phase signal
distribution IC. The incorporation of a phase distribution
IC allows the STK672-120 to control the speed of the
motor based on the frequency of an external input clock
signal. It supports two types of excitation for motor
control: 2-phase excitation and 1-2 phase excitation. It
also provides a function for switching the motor direction.
Applications
• Two-phase stepping motor drive in send/receive
facsimile units
• Paper feed in copiers, industrial robots, and other
applications that require 2-phase stepping motor drive
Features
• The motor speed can be controlled by the frequency of
an external clock signal (the CLOCK pin signal).
• The excitation type is switched according to the state
(low or high) of the MODE pin. The mode is set to
2-phase or 1-2 phase excitation on the rising edge of the
clock signal.
• A motor direction switching pin (the CWB pin) is
provided.
• All input are Schmitt inputs and 40-k
Ω (typical: –50 to
+100%) pull-up resistors are built in.
• The motor current can be set by changing the Vref pin
voltage. Since a 0.165-
Ω current detection resistor is
built in, a current of 1 A is set for each 0.165 V of
applied voltage.
• The input frequency range for the clock signal used for
motor speed control is 0 to 25 kHz.
• Supply voltage ranges: VCC1 = 10 to 42 V, VCC2 =
5.0 V ±5%
• This IC supports motor operating currents of up to 2.4 A
at Tc = 105°C, and of up to 4.0 A at Tc = 25°C.
Package Dimensions
unit: mm
4167
1
12
46.6
41.2
(9.6) 11×2 = 22
3.6
0.5
2.0
8.5
0.4
2.9
[STK672-120]
STK672-120
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC
Two-Phase Stepping Motor Driver
(Square Wave Drive) Output Current: 2.4 A
Thick-Film Hybrid IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Numéro de pièce similaire - STK672-120

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
logo
ON Semiconductor
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-120-SL-E SANYO-STK672-120-SL-E Datasheet
177Kb / 11P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
More results

Description similaire - STK672-120

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
   3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
   TWO PHASE STEPPING MOTOR DRIVER
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com