Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD2057 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD2057
Description  Silicon NPN triple diffusion planar type For horizontal deflection output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2057 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD2057 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2057 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD2057
Silicon NPN triple diffusion planar type
For horizontal deflection output
s Features
q
Incorporating a built-in damper diode
q
Reduction of a parts count and simplification of a circuit are al-
lowed
q
High breakdown voltage with high reliability
q
High-speed switching
q
Wide area of safe operation (ASO)
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
1500
1500
7
20
5
4
100
3
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Storage time (L-load)
Fall time (L-load)
Diode forward voltage
Symbol
ICBO
VEBO
hFE
VCE(sat)
VBE(sat)
fT
tstg
tf
VF
Conditions
VCB = 1000V, IE = 0
VCB = 1500V, IE = 0
IE = 500mA, IC = 0
VCE = 10V, IC = 5A
IC = 5A, IB = 1.2A
IC = 5A, IB = 1.2A
VCE = 10V, IC = 1A, f = 0.5MHz
IC = 5A, IB1 = 1.2A, IB2 = –1.2A,
Lleak = 5µH
IC = –6A, IB = 0
min
7
4.5
typ
2
max
30
300
15
8
1.5
12
0.8
–2.3
Unit
µA
µA
V
V
V
MHz
µs
µs
V
TC=25°C
Ta=25
°C
Unit: mm
Internal Connection
1:Base
2:Collector
3:Emitter
TOP–3 Full Pack Package(b)
15.0
±0.3
5.0
±0.2
3.2
11.0
±0.2
10.9
±0.5
5.45
±0.3
2.0
±0.2
1.1
±0.1
φ3.2±0.1
0.6
±0.2
2.0
±0.1
1
23
C
B
E


Numéro de pièce similaire - 2SD2057

FabricantNo de pièceFiches techniqueDescription
Savantic, Inc.
Savantic, Inc.
2SD2057 SAVANTIC-2SD2057 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
2SD2057 ISC-2SD2057 Datasheet
135Kb / 3P
   Silicon NPN Power Transistors
Savantic, Inc.
Savantic, Inc.
2SD2057 SAVANTIC-2SD2057 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD2057

FabricantNo de pièceFiches techniqueDescription
Panasonic Semiconductor
Panasonic Semiconductor
2SC5244 PANASONIC-2SC5244 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5478 PANASONIC-2SC5478 Datasheet
35Kb / 2P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5552 PANASONIC-2SC5552 Datasheet
46Kb / 1P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5583 PANASONIC-2SC5583 Datasheet
46Kb / 1P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5591 PANASONIC-2SC5591 Datasheet
49Kb / 1P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5270 PANASONIC-2SC5270 Datasheet
35Kb / 2P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5514 PANASONIC-2SC5514 Datasheet
35Kb / 2P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5517 PANASONIC-2SC5517 Datasheet
35Kb / 2P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5518 PANASONIC-2SC5518 Datasheet
35Kb / 2P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5519 PANASONIC-2SC5519 Datasheet
35Kb / 2P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
More results


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz