Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LV1T34 Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce SN74LV1T34
Description  Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T34 Fiches technique(HTML) 22 Page - Texas Instruments

Back Button SN74LV1T34_18 Datasheet HTML 17Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 18Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 19Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 20Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 21Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 22Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 23Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 24Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(2.6)
(1.9)
2X(0.95)
5X (1.1)
5X (0.6)
(R0.05) TYP
SOT-23 - 1.45 mm max height
DBV0005A
SMALL OUTLINE TRANSISTOR
4214839/C 04/2017
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
7. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:15X
SYMM
PKG
1
3
4
5
2


Numéro de pièce similaire - SN74LV1T34_18

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV1T34 TI1-SN74LV1T34_15 Datasheet
947Kb / 20P
[Old version datasheet]   SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
More results

Description similaire - SN74LV1T34_18

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV1T34 TI1-SN74LV1T34 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_15 Datasheet
947Kb / 20P
[Old version datasheet]   SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T04 TI1-SN74LV1T04_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04_1809 TI1-SN74LV1T04_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04DCKR TI1-SN74LV1T04DCKR Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04 TI1-SN74LV1T04 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com