Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VUB72-12NOXT Datasheet(Fiches technique) 2 Page - IXYS Corporation

Numéro de pièce VUB72-12NOXT
Description  Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo 

VUB72-12NOXT Datasheet(HTML) 2 Page - IXYS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VUB72-12NOXT
V
=
V
kA²s
kA²s
kA²s
kA²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.10
R
1.1
K/W
R
min.
75
VRSM
V
40
T
= 25°C
VJ
T
=
°C
VJ
mA
1.5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
110
P
tot
110
W
T
= 25°C
C
R
K/W
0.3
25
1200
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.38
T
= 25°C
VJ
150
V
F0
V
0.79
T
=
°C
VJ
150
rF
7.7
mΩ
V
1.01
T
=
°C
VJ
I =
A
F
V
25
1.37
I =
A
F
75
I =
A
F
75
threshold voltage
slope resistance
for power loss calculation only
µA
125
VRRM
V
1200
max. repetitive reverse blocking voltage
T
= 25°C
VJ
CJ
19
junction capacitance
V =
V;
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
150
600
650
1.30
1.26
A
A
A
A
510
550
1.80
1.76
1200
DAV
d =
rectangular
bridge output current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
1300
IXYS reserves the right to change limits, conditions and dimensions.
20151102d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn