Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLP1-SMMF0AC Fiches technique(PDF) 4 Page - SICK AG

No de pièce MLP1-SMMF0AC
Description  SAFETY LOCKING DEVICES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

MLP1-SMMF0AC Fiches technique(HTML) 4 Page - SICK AG

  MLP1-SMMF0AC Datasheet HTML 1Page - SICK AG MLP1-SMMF0AC Datasheet HTML 2Page - SICK AG MLP1-SMMF0AC Datasheet HTML 3Page - SICK AG MLP1-SMMF0AC Datasheet HTML 4Page - SICK AG MLP1-SMMF0AC Datasheet HTML 5Page - SICK AG MLP1-SMMF0AC Datasheet HTML 6Page - SICK AG MLP1-SMMF0AC Datasheet HTML 7Page - SICK AG MLP1-SMMF0AC Datasheet HTML 8Page - SICK AG MLP1-SMMF0AC Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLP1-SMMF0AC | MLP1
SAFETY LOCKING DEVICES
Actuator 120 mm x 60 mm x 20.5 mm
Offset tolerance
Vertical ≤ 5 mm
Horizontal ≤ 5 mm
Aperture angle ≤ 3°
Ambient data
Enclosure rating
IP67 (EN 60529)
Ambient operating temperature
–20 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
Relative humidity
50 %, at 70 °C (IEC 60947-5-2)
Vibration resistance
10 Hz ... 55 Hz, 1 mm (IEC 60068-2-6)
Shock resistance
30 g, 11 ms (EN 60068-2-27)
EMC
EN IEC 61326-3-1
EN IEC 60947-5-2
EN IEC 60947-5-3
Classifications
ECl@ss 5.0
27272603
ECl@ss 5.1.4
27272603
ECl@ss 6.0
27272603
ECl@ss 6.2
27272603
ECl@ss 7.0
27272603
ECl@ss 8.0
27272603
ECl@ss 8.1
27272603
ECl@ss 9.0
27272603
ETIM 5.0
EC002593
ETIM 6.0
EC002593
UNSPSC 16.0901
39122205
4
SAFETY SWITCHES | SICK
Online data sheet | 2018-07-20 14:43:28
Subject to change without notice


Numéro de pièce similaire - MLP1-SMMF0AC

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
MLP1-SMMA0AC SICK-MLP1-SMMA0AC Datasheet
495Kb / 6P
   SAFETY LOCKING DEVICES
MLP1-SMMC0AC SICK-MLP1-SMMC0AC Datasheet
583Kb / 9P
   SAFETY LOCKING DEVICES
More results

Description similaire - MLP1-SMMF0AC

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
TR10-SLM10P SICK-TR10-SLM10P Datasheet
378Kb / 8P
   SAFETY LOCKING DEVICES
TR10-SRM03P SICK-TR10-SRM03P Datasheet
378Kb / 8P
   SAFETY LOCKING DEVICES
I10-E0354 SICK-I10-E0354 Datasheet
289Kb / 6P
   SAFETY LOCKING DEVICES
I10-M0453 SICK-I10-M0453 Datasheet
277Kb / 6P
   SAFETY LOCKING DEVICES
I14-M0213 SICK-I14-M0213 Datasheet
291Kb / 6P
   SAFETY LOCKING DEVICES
I14-M0303 SICK-I14-M0303 Datasheet
291Kb / 6P
   SAFETY LOCKING DEVICES
I110-M0454 SICK-I110-M0454 Datasheet
292Kb / 6P
   SAFETY LOCKING DEVICES
I200-M0323 SICK-I200-M0323 Datasheet
397Kb / 7P
   SAFETY LOCKING DEVICES
I200-M0413 SICK-I200-M0413 Datasheet
397Kb / 7P
   SAFETY LOCKING DEVICES
MLP1-SMMA0AC SICK-MLP1-SMMA0AC Datasheet
495Kb / 6P
   SAFETY LOCKING DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com