Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SSW-308 Datasheet(Fiches technique) 1 Page - Stanford Microdevices

Numéro de pièce SSW-308
Description  DC-3 GHz Low Cost GaAs MMIC SPDT Switch
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  STANFORD [Stanford Microdevices]
Site Internet  
Logo 

SSW-308 Datasheet(HTML) 1 Page - Stanford Microdevices

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
SSW-308
DC-3 GHz Low Cost
GaAs MMIC SPDT Switch
Product Features
Fast Switching Speed : 3nsec
HIgh LInearity : +47dBm IP3
Ultra Low DC Power Consumption
Low Insertion Loss : 0.7dB at 1GHz
Low Cost Small Outline Plastic Package
Applications
Digital Cellular
Spread Spectrum
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford
Microdevices product for use in life-support devices and/or systems.
Copyright 1999 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
Stanford Microdevices’ SSW-308 is a high perfomance
Gallium Arsenide Field Effect Transistor MMIC switch housed
in a low-cost surface-mountable small outline plastic
package.
This single-pole, double-throw, reflective switch consumes
less than 40uA and operates with 0V/-5V control voltages.
This switch can be used in both analog and digital wireless
communication systems including AMPS, PCS, DECT, and
GSM.
Typical output power at 1dB compression is +28dBm. 1dB
output power over 1 watt may be achieved with higher
control voltages.
The die is fabricated using 0.5 micron FET process with gold
metallization and silicon nitride passivation to achieve
excellent performance and reliability.
S y m bol
P a r a m e t e r s : T e s t C ondi t i ons :
Z
0
= 50 o h m s
Un i t s
Mi n .
Ty p .
M ax.
In s
Ins er tion Lo s s
f = 0.05- 1 .0G H z
f = 1.00- 2 .0G H z
f = 1.00- 3 .0G H z
dB
dB
dB
0.6
0.9
1.2
0.9
1.3
Is ol
Is olatio n
f = 0.05- 1 .0G H z
f = 1.00- 2 .0G H z
f = 1.00- 3 .0G H z
dB
dB
dB
20
17
25
22
16
V S W R o n
Input & O u tp ut V S W R
( low lo s s s tate)
f = 0.05- 1 .0G H z
f = 1.00- 2 .0G H z
f = 1.00- 3 .0G H z
-
-
-
1.2:1
1.4:1
1.7:1
P
1dB
1dB C o m p r e s s ion a t 0.5- 2.0G H z
V = - 8 V
V = - 5 V
dB m
dB m
+3 1
+2 8
IP
3
T h ir d O r der In te r c ep t
V = - 8 V
V = - 5 V
dB m
dB m
+5 0
+4 7
I
D
D e v ic e C u r r ent
uA
35
Is w
S w itc hing S peed 5 0 % c ontr o l to
10% /90% R F
ns ec
3
Electrical Specifications at Ta = 25C
Isolation vs. Frequency
VControl = -5 V
GHz
dB
-50
-40
-30
-20
-10
DC
1
2
3
7-21


Html Pages

1  2 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SSW-208DC-4 GHz High Isolation GaAs MMIC SPDT Switch 1 2 Stanford Microdevices
SSW-124DC-6 GHz High Isolation SPDT GaAs MMIC Switch 1 2 3 Stanford Microdevices
AP640R5-0024-40 GHz GaAs MMIC SPDT Reflective PIN Switch 1 2 Alpha Industries
HMMC-2027DC-26.5 GHz SPDT GaAs MMIC Switch 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HMC190MS8GaAs MMIC SPDT SWITCH DC - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC221GaAs MMIC SOT26 SPDT SWITCH DC - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
FMS2021DC- 6 GHz SPDT WLAN GaAs Low Loss Switch 1 2 3 4 Filtronic Compound Semiconductors
HMC545GaAs MMIC SPDT SWITCH DC - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AP640R6-0024-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch 1 2 Alpha Industries
HMC154S8GaAs MMIC SMT LOW DISTORTION T/R SWITCH DC - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn