Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE789 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE789
Description  Integrated Circuit Stereo Multiplex Decoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE789 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE789 Datasheet HTML 1Page - NTE Electronics NTE789 Datasheet HTML 2Page - NTE Electronics NTE789 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
DC Supply Voltage
16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current at Pin12
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Voltage (Composite)(Note 1)
400mV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range
–40 to +85
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Ambient Temperature Range
–65 to +150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1/32” (0.79mm) from case,10s max.)
+265
°C
. . . . . . . . . . . . . . . . . . . . .
Note 1. For stereo operation, a minimum input signal voltage (composite) of 40mV is required.
Electrical Characteristics: (TA = +25°C, V+ = 12 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Characteristics
Total Current (Pin9, Pin10,Pin11)
Itotal
Lamp OFF
22
27
mA
DC Voltage
Pin1
V1
1.6
2.3
3.1
V
Pin6 (Indicator Lamp OFF)
V6
2.1
3.6
V
Pin9 and Pin10
V9, V10
3.7
5.4
7.4
V
Pin12 (Indicator Lamp OFF)
V12
V+ = 16V
12.7
V
Voltage Differential (Pin2 – Pin1)
V2 – V1
0
0.1
V
Current at Pin12
(In actual use external circuit
resistance (e.g. lamp should limit
Pin12 to the maximum rated value
of 100mA)
VIN (at f = 19kHz) = 18mV
75
100
mA
Static Characteristics
Input Impedance
Zin
50k
Channel Separatiom (L + R Reference)
VIN = 180mV, Note 3
25
40
dB
Channel Balance (Monaural)
VIN = 180mV
0.3
3.0
dB
Monaural Gain
VIN = 180mV
3
6
9
dB
Stereo/Monaural Gain Ratio
VIN = 180mV, Note 3
±0.3 ±3.0
dB
Indicator Lamp – Turn–ON Voltage
19kHz pilot–tone at Pin1
4
mV
Capture Range
(Deviation from 76kHz center
frequency)
19kHz pilot–tone voltage = 18mV
±6.6
±10
%
Distortion (75
µs De–emphasis)
2nd Harmonic
VIN = 240mV
0.2
%
3rd, 4th, and 5th Harmonic
< 0.1
%
19kHz Rejection
35
dB
38kHz Rejection
25
dB
SCA (Storecast) Rejection
55
dB
Stereo Defeat Voltage (V4)
< 0.9
V
Stereo Enable Voltage (V4)
> 1.6
V
Note 2. For improved pilot sensitivity and overload characteristics, replace the .039
µF capacitor between Pin7
and Pin8 with a Series L–C Network (L = 4.7mH, C = 0.015
µF). Under these conditions, Indicator
Lamp Sensitivity: “ON” = 3.3mV, “OFF” = 2.0mV.
Note 3. For stereo operation, test conditions require a composite stereo input signal (modulated at 1kHz) in-
cluding a 19kHz (18mV) pilot–tone signal.


Numéro de pièce similaire - NTE789

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE78 NTE-NTE78 Datasheet
21Kb / 2P
   Silicon NPN Transistor RF Power Output
NTE783 NTE-NTE783 Datasheet
21Kb / 2P
   Integrated Circuit Automatic Fine-Tuning Detector
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
   Integrated Circuit Wide-Band Power Amplifier
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
More results

Description similaire - NTE789

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE722 NTE-NTE722 Datasheet
22Kb / 2P
   Integrated Circuit FM Stereo Multiplex Decoder
NTE1142 NTE-NTE1142 Datasheet
80Kb / 2P
   Integrated Circuit FM Multiplex Stereo Decoder
logo
List of Unclassifed Man...
CD7343CS ETC1-CD7343CS Datasheet
159Kb / 5P
   FM STEREO MULTIPLEX DECODER
logo
Hitachi Semiconductor
HA12016 HITACHI-HA12016 Datasheet
407Kb / 6P
   FM Stereo Multiplex Decoder
logo
NTE Electronics
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
   Integrated Circuit TV Multiplex Sound Decoder
NTE1230 NTE-NTE1230 Datasheet
20Kb / 2P
   Integrated Circuit FM Multiplex Stereo Demodulator
NTE1006 NTE-NTE1006 Datasheet
19Kb / 2P
   Integrated Circuit FM Multiplex Stereo Demodulator
NTE1181 NTE-NTE1181 Datasheet
20Kb / 2P
   Integrated Circuit FM Stereo Multiplex Demodulator
NTE1056 NTE-NTE1056 Datasheet
74Kb / 2P
   Integrated Circuit FM Stereo Multiplex Demodulator
logo
NXP Semiconductors
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com