Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FQA11N90C Datasheet(Fiches technique) 6 Page - Fairchild Semiconductor

Numéro de pièce FQA11N90C
Description  900V N-Channel MOSFET
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA11N90C Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FQA11N90C Datenblatt HTML 1Page - Fairchild Semiconductor FQA11N90C Datenblatt HTML 2Page - Fairchild Semiconductor FQA11N90C Datenblatt HTML 3Page - Fairchild Semiconductor FQA11N90C Datenblatt HTML 4Page - Fairchild Semiconductor FQA11N90C Datenblatt HTML 5Page - Fairchild Semiconductor FQA11N90C Datasheet HTML 6Page - Fairchild Semiconductor FQA11N90C Datenblatt HTML 7Page - Fairchild Semiconductor FQA11N90C Datenblatt HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, December 2002
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FQA7N90900V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP2NA90900V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP8N90C900V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STB3NC90ZN-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH™III MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FQA7N90M900V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP3N90900V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STW12NK90ZN-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STW6NC90ZN-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™III MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FQA9N90900V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP5N90900V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn