Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54VV Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAT54VV
Description  Schottky barrier triple diode in ultra small SOT666 package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54VV Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAT54VV Datasheet HTML 1Page - NXP Semiconductors BAT54VV Datasheet HTML 2Page - NXP Semiconductors BAT54VV Datasheet HTML 3Page - NXP Semiconductors BAT54VV Datasheet HTML 4Page - NXP Semiconductors BAT54VV Datasheet HTML 5Page - NXP Semiconductors BAT54VV Datasheet HTML 6Page - NXP Semiconductors BAT54VV Datasheet HTML 7Page - NXP Semiconductors BAT54VV Datasheet HTML 8Page - NXP Semiconductors BAT54VV Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
9397 750 13524
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 September 2004
4 of 9
Philips Semiconductors
BAT54VV
Schottky barrier triple diode in ultra small SOT666 package
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
Fig 1.
Forward current as a function of forward
voltage; typical values.
Fig 2.
Reverse current as a function of reverse
voltage; typical values.
Tamb =25 °C; f = 1 MHz.
Fig 3.
Diode capacitance as a function of reverse voltage; typical values.
103
102
10−1
IF
(mA)
VF (V)
10
1
1.2
0.8
0.4
0
msa892
(3)
(2)
(1)
(3)
(2)
(1)
010
20
30
VR (V)
103
102
10−1
IR
(
µA)
10
1
(1)
(2)
(3)
msa893
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
msa891


Numéro de pièce similaire - BAT54VV

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BAT54VV NEXPERIA-BAT54VV Datasheet
181Kb / 8P
   Schottky barrier triple diode in ultra small SOT666 package
27 December 2022
logo
NXP Semiconductors
BAT54VV PHILIPS-BAT54VV_15 Datasheet
115Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 02-15 January 2010
More results

Description similaire - BAT54VV

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BAT54VV NEXPERIA-BAT54VV Datasheet
181Kb / 8P
   Schottky barrier triple diode in ultra small SOT666 package
27 December 2022
logo
NXP Semiconductors
BAT54VV PHILIPS-BAT54VV_15 Datasheet
115Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 02-15 January 2010
BAT54CV NXP-BAT54CV Datasheet
103Kb / 9P
   Two Schottky barrier double diodes in ultra small SOT666 package
Rev. 02-15 January 2010
PMEG3015EV PHILIPS-PMEG3015EV Datasheet
58Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 01-4 April 2005
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
   Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
logo
Nexperia B.V. All right...
BAT54H NEXPERIA-BAT54H Datasheet
1Mb / 8P
   Schottky barrier single diode in small SOD123F package
25 July 2012
logo
NXP Semiconductors
BAT54H PHILIPS-BAT54H_15 Datasheet
143Kb / 8P
   Schottky barrier single diode in small SOD123F package
25 July 2012
PMEG3015EV PHILIPS-PMEG3015EV_15 Datasheet
112Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 02-4 February 2010
BAT54XY PHILIPS-BAT54XY Datasheet
51Kb / 9P
   Schottky barrier quadruple diode in very small SOT363 package
Rev. 01-17 January 2005
PMEG3002TV PHILIPS-PMEG3002TV Datasheet
57Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 01-21 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com