Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8187-EVAL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8187-EVAL
Description  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8187-EVAL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8187-EVAL Datasheet HTML 6Page - Analog Devices AD8187-EVAL Datasheet HTML 7Page - Analog Devices AD8187-EVAL Datasheet HTML 8Page - Analog Devices AD8187-EVAL Datasheet HTML 9Page - Analog Devices AD8187-EVAL Datasheet HTML 10Page - Analog Devices AD8187-EVAL Datasheet HTML 11Page - Analog Devices AD8187-EVAL Datasheet HTML 12Page - Analog Devices AD8187-EVAL Datasheet HTML 13Page - Analog Devices AD8187-EVAL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. A
–10–
AD8186/AD8187
TIME (2ns/DIV)
t0
tSETTLED
TPC 31. AD8186 Settling Time (0.1%),
VOUT = 2 V Step, RL = 1 k
TIME (ns)
05
10
15
20
6.0
5.5
4.5
3.5
2.5
0.8
0.3
–0.8
–1.3
1.3
1.8
–1.8
–2.3
2.3
1.5
1.0
SEL A/
B
OUTPUT
–2.8
–0.3
2.0
3.0
4.0
5.0
25
TPC 32. AD8186 Channel-to-Channel Switching
Time, VOUT = 2 V p-p, INA = 3.5 V, INB = 1.5 V
TIME (ns)
05
10
15
20
2.8
2.7
2.6
2.5
2.4
OUTPUT
–1.0
SEL A/
B
25
30
35
40
45
2.9
3.0
–0.5
0
0.5
1.0
1.5
2.0
50
TPC 33. AD8186 Channel Switching Transient (Glitch),
INA = INB = 0 V
TIME (2ns/DIV)
t0
tSETTLED
TPC 34. AD8187 Settling Time (0.1%),
VOUT = 2 V Step, RL = 150
TIME (ns)
05
10
15
20
4.0
2.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1.5
1.0
–2.5
SEL A/
B
OUTPUT
4.5
5.0
5.5
25
TPC 35. AD8187 Channel-to-Channel Switching
Time, VOUT = 2 V p-p, INA = 3.0 V, INB = 2.0 V
TIME (ns)
05
10
15
20
2.80
1.50
2.70
2.60
0.50
–0.50
2.00
2.50
2.40
OUTPUT
–1.00
SEL A/
B
25
30
35
40
45
1.00
0
2.90
3.00
50
TPC 36. AD8187 Channel Switching Transient
(Glitch), INA = INB = VREF = 0 V


Numéro de pièce similaire - AD8187-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8187-EVAL AD-AD8187-EVAL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187-EVAL AD-AD8187-EVAL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

Description similaire - AD8187-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com