Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM15WM-80024S-NZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM15WM-80024S-NZ
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15WM-80024S-NZ Fiches technique(HTML) 2 Page - AIMTEC

  AM15WM-80024S-NZ Datasheet HTML 1Page - AIMTEC AM15WM-80024S-NZ Datasheet HTML 2Page - AIMTEC AM15WM-80024S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM15WM-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R14
2 of 3
North America only
Humidity
95
% RH
Case material
Heat resistant, black plastic (UL94-V0)
Weight
270
g
Dimensions (L x W x H)
4.29 x 2.30 x 1.18 inches
109.00 x 58.50 x 30.00 mm
MTBF
>300,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Maximum soldering temperature
1.5mm from case for 3-5 sec
360
oC
Safety Specifications
Parameters
Standards
EMI - Conducted and radiated emission
EN55022, class A (with the recommended EMC circuit)
EN55024: 2010
Electrostatic Discharge Immunity
IEC 61000-4-2: Contact ±6KV/Air ±8KV, Criteria B
RF, Electromagnetic Field Immunity
IEC 61000-4-3: 10V/m, Criteria A
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4: ±2KV, Criteria B (with the recommended EMC circuit)
Surge Immunity
IEC 61000-4-5: ±1KV, Criteria B (with the recommended EMC circuit)
RF, Conducted Disturbance Immunity
IEC 61000-4-6: 10Vrms, Criteria A
Pin Out Specifications
N.C. Not connected
Dimensions
DIV: 5.08 (0.2)
TOP VIEW
1
2
3
6
5
Dimensions: mm (inch)
Case Tolerance: ±0.50 (0.02)
Pin Tolerance: ± 1.50 (0.06)
Pin diameter Tolerance: ±0.10 (0.004)
Pin 1, 2, 5 & 6 diameter: 1.80 (0.07)
Pin 3 & 4 diameter: 1.20 (0.047)
58.50
(2.30)
109.00
(4.29)
97.30
(3.83)
46.30
(1.82)
BOTTOM
VIEW
1
2
3
6
30.00
(1.18)
96.32
(3.79)
5
4
4xM3
3.00(0.12)
Ø1.80
(0.07)
Ø1.20
(0.05)
4
Ø 1.7 (Ø 0.07)
Ø 1.7 (Ø 0.07)
Ø 2.3 (Ø 0.09)
Ø 2.3 (Ø 0.09)
Ø 2.3 (Ø 0.09)
Ø 2.3 (Ø 0.09)
4xM3
3.00(0.12)
ᴓ4.50(0.18)
Ø 3.5 (Ø 0.14))
Pin
Single
1
+Vin
2
-Vin
3 & 4
N.C.
5
-Vout
6
+Vout


Numéro de pièce similaire - AM15WM-80024S-NZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM15W-60012S-NZ AIMTEC-AM15W-60012S-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15W-60015S-NZ AIMTEC-AM15W-60015S-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15W-60024S-NZ AIMTEC-AM15W-60024S-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
More results

Description similaire - AM15WM-80024S-NZ

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com