Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA2029C Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TEA2029C
Description  COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2029C Fiches technique(HTML) 6 Page - STMicroelectronics

  TEA2029C Datasheet HTML 1Page - STMicroelectronics TEA2029C Datasheet HTML 2Page - STMicroelectronics TEA2029C Datasheet HTML 3Page - STMicroelectronics TEA2029C Datasheet HTML 4Page - STMicroelectronics TEA2029C Datasheet HTML 5Page - STMicroelectronics TEA2029C Datasheet HTML 6Page - STMicroelectronics TEA2029C Datasheet HTML 7Page - STMicroelectronics TEA2029C Datasheet HTML 8Page - STMicroelectronics TEA2029C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
PHASE COMPARATOR
ϕ2 (Pin 16)
I16
Charging Current
0.4
0.6
0.8
mA
Delay between the Edges of
ϕ1 and ϕ2(fVCO = 500kHz)
1.5
2
2.8
µs
LINE OUTPUT (OPEN COLLECTOR) (Pin 10)
Output Voltage (I10max = 20mA)
1
1.5
V
T10
Output Pulse Duration (when fly-back pulse is with in time T10)(fVCO = 500kHz)
24
26
30
µs
∆t
ϕ2 Phase Range
15
16
19
µs
FRAME LOGIC
Free Running Period (with mute signal)
315
Line
Search Window
247
361
Line
50Hz Window
309
315
Line
60Hz Window
247
276
Line
VCR Mode Window
247
361
Line
FRAME SAW-TOOTH GENERATOR (Pins 3-5)
Saw-tooth Amplitude
2
3
4
VPP
I5(60)
SInternal Current Generator (60Hz on)
12
14
16
µA
Discharging Time (with C = 0.47
µF, ∆V < 4V)
50
70
µs
VS
Starting Level (0mA < IS < 0mA)
1
1.26
1.4
V
Saw-tooth Amplitude (IS = 10mA)
2
3
4
VPP
FRAME FEEDBACK INPUTS (Pins 1-2)
I1,2
Positive and Negative Input Current (V1 -V2) > 25mA for frame blanking
safety
10
µA
FRAME OUPUT (Pin 4)
Output Voltage (0mA < |I4| < 80mA)
10
V
TON max (fVCO = 500kHz)
36
40
41
µs
Output Phase Range
0
tON max
SMPS CONTROL INPUT (Pin 9)
I9
Input Current (V9 =Vref 14)2
µA
SMPS OUTPUT (Pin 7) - No Relation between End of SMPS Pulse (pin 7) and Leading Edge of Line Flyback (pin 12)
V7
Output Voltage (0 < I7 < 20mA)
10
V
T7
tON max (fVCO = 500kHz)
30
32
34
µs
Nominal Time (V9 =Vref 14)26
31
µs
Output Phase Range
0
tON max
µs
SAFETY INPUT (Pin 28)
V28
Threshold Voltage (V28 =Vref 14)
1.15
1.26
1.37
V
Input Current (if V28 >Vref 14 then SMPS, line and frame are switched off
during the next line retrace)
3
µA
SWITCH-ON, SWITCH-OFF PROCESSING (Pin 15)
Ich 15
Charging Current (tC =4
µs, T = 64µs)
70
130
µA
Ich 15
Idis 15
Ratio Charging/discharging
0.8
1
1.2
µA
STARTING SUPPLY VOLTAGE (Pin 8)
VCC
SMPS*, Frame and Line Starting (pins 7, 10 and 4)
5.25
6.5
V
VCC
SMPS Stopping during Line Retrace
5.25
6.5
V
VCC
Frame and Line Stopping
5.25
6.5
V
CURRENT REFERENCE (PIn 14)
Vref 14
Voltage Reference
1.2
1.26
1.35
V
TEA2029C
6/9


Numéro de pièce similaire - TEA2029C

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TEA2029CV TEMIC-TEA2029CV Datasheet
321Kb / 8P
   Timing Processor (LINE, FRAME, SMPS) for TV Sets
More results

Description similaire - TEA2029C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TEA2128 STMICROELECTRONICS-TEA2128 Datasheet
238Kb / 8P
   COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
TEA2026C STMICROELECTRONICS-TEA2026C Datasheet
491Kb / 10P
   COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
TEA2028B STMICROELECTRONICS-TEA2028B Datasheet
104Kb / 9P
   COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
Motorola, Inc
TDA3303 MOTOROLA-TDA3303 Datasheet
314Kb / 14P
   TV COLOR PROCESSOR
TDA3301B MOTOROLA-TDA3301B Datasheet
579Kb / 14P
   TV COLOR PROCESSOR
logo
List of Unclassifed Man...
ECG1089 ETC1-ECG1089 Datasheet
175Kb / 4P
   TV COLOR PROCESSOR
logo
STMicroelectronics
TEA5031D STMICROELECTRONICS-TEA5031D Datasheet
291Kb / 7P
   COLOR TV VIDEO PROCESSOR
logo
JILIN SINO-MICROELECTRO...
3DD5011 JSMC-3DD5011 Datasheet
238Kb / 5P
   Switching power supply for color TV
3DD5038P JSMC-3DD5038P Datasheet
302Kb / 5P
   Switching power supply for color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com