Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA-370LT Fiches technique(PDF) 2 Page - Rohm

No de pièce SLA-370LT
Description  High Brightness Type PI 3.1 Circular Type LED Lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

SLA-370LT Fiches technique(HTML) 2 Page - Rohm

  SLA-370LT Datasheet HTML 1Page - Rohm SLA-370LT Datasheet HTML 2Page - Rohm SLA-370LT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONVENTIONAL LED LAMPS
Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
20
10
5.0
2.0
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta=25℃
1.4
1.2
1.0
0.8
0.6
0.4
−20
0
20
40
60
80
CASE TEMPERATURE : Tc
(℃)
2
1
0.5
0.2
0.1
0.05
0.02
0.01
12
510
20
50
100
5
FORWARD CURRENT : IF
(mA)
Ta=25
1
2
1.5
2.4
3
4
5
6
10
520
50
10
3
10
2
10
4
PULSE DURATION : Tw
(μs)
40
30
20
10
0
-25 -20 -10 050
40
30
20
10
60 70 80 90
60
50
AMBIENT TEMPERATURE : Ta
(℃)
SLA-370MT
SLA-370LT
SLA-370MT
SLA-370LT
SLA-370MT
SLA-370LT
SLA-370MT
SLA-370LT
SLA-370MT
SLA-370LT


Numéro de pièce similaire - SLA-370LT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
   High luminance, small LEDs (過3, 過3.1 mm)
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
logo
Ningbo songle relay co....
SLA-36VDC-SL-A SONGLERELAY-SLA-36VDC-SL-A Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-36VDC-SL-B SONGLERELAY-SLA-36VDC-SL-B Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-36VDC-SL-C SONGLERELAY-SLA-36VDC-SL-C Datasheet
670Kb / 2P
   SIngle-component type 4 P
More results

Description similaire - SLA-370LT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
   HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
   High Brightness Type pi=5.0 Circular Type LED Lamps
SLR-343 ROHM-SLR-343 Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLI-343 ROHM-SLI-343 Datasheet
407Kb / 3P
   High Brightness Type 3.1 Circular Type LED Lamps
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
   Dual-Color Type 3.1 Circular Type LED Lamps
SLI-343URC3FWT ROHM-SLI-343URC3FWT Datasheet
132Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLI-580 ROHM-SLI-580 Datasheet
300Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLA-580 ROHM-SLA-580 Datasheet
280Kb / 3P
   High Brightness Type 5 Circular Type LED Lamps
SLI-570 ROHM-SLI-570 Datasheet
333Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com