Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8415DB-T1-E1 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI8415DB-T1-E1
Description  P-Channel 12-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8415DB-T1-E1 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI8415DB-T1-E1 Datasheet HTML 1Page - Vishay Siliconix SI8415DB-T1-E1 Datasheet HTML 2Page - Vishay Siliconix SI8415DB-T1-E1 Datasheet HTML 3Page - Vishay Siliconix SI8415DB-T1-E1 Datasheet HTML 4Page - Vishay Siliconix SI8415DB-T1-E1 Datasheet HTML 5Page - Vishay Siliconix SI8415DB-T1-E1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si8415DB
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73210
S-50037—Rev. A, 17-Jan-05
b.
Refer to IPC/JEDEC (J-STD-020A), no manual or hand soldering.
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.4
−1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −12 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −12 V, VGS = 0 V, TJ = 70_C
−5
mA
On-State Drain Currenta
ID(on)
VDS v −5 V, VGS = −4.5 V
−5
A
VGS = −4.5 V, ID = −1 A
0.031
0.037
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.5 V, ID = −1 A
0.038
0.046
W
Drain Source On State Resistance
rDS(on)
VGS = −1.8 V, ID = −1 A
0.050
0.060
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −1 A
11
S
Diode Forward Voltagea
VSD
IS = −1 A, VGS = 0 V
−0.8
−1.1
V
Dynamicb
Total Gate Charge
Qg
19
30
Gate-Source Charge
Qgs
VDS = −6 V, VGS = −4.5 V, ID = −1 A
1.9
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
4.8
Gate Resistance
Rg
f = 1 MHz
19
W
Turn-On Delay Time
td(on)
15
25
Rise Time
tr
VDD = −6 V, RL = 6 W
32
50
Turn-Off Delay Time
td(off)
VDD = −6 V, RL = 6 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
180
270
ns
Fall Time
tf
g
115
175
ns
Source-Drain Reverse Recovery Time
trr
IF = −1 A, di/dt = 100 A/ms
80
120
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 2.5 V
25_C
TC = 125_C
−55_C
2 V
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1 V
1.5 V


Numéro de pièce similaire - SI8415DB-T1-E1

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8410 ETC2-SI8410 Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8410-A-IS SILABS-SI8410-A-IS Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
More results

Description similaire - SI8415DB-T1-E1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com