Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7840DP Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI7840DP
Description  Si7840BDP vs. Si7840DP Specification Comparison
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7840DP Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI7840DP Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPICE Device Model Si7840BDP
Vishay Siliconix
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
Document Number: 73244
www.vishay.com
04-Dec-04
1
N-Channel 30-V (D-S) Fast Switching MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The
attached
spice
model
describes
the
typical
electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model
is
extracted
and
optimized
over
the
−55 to 125°C
temperature ranges under the pulsed 0 to 10V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
Documents
PDF
Complete
Click Here & Upgrade
Expanded Features
Unlimited Pages


Numéro de pièce similaire - SI7840DP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
More results

Description similaire - SI7840DP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TN0200K VISHAY-TN0200K Datasheet
32Kb / 1P
   Specification Comparison TN0200K vs. TN0200T
19-May-04
TP0101K VISHAY-TP0101K Datasheet
90Kb / 1P
   TP0101K vs. TP0101T Specification Comparison
11-May-05
SI7868ADP VISHAY-SI7868ADP Datasheet
95Kb / 1P
   Si7868ADP vs. Si7868DP Specification Comparison
15-Apr-05
SI5402BDC VISHAY-SI5402BDC Datasheet
91Kb / 1P
   Specification Comparison Si5402BDC vs. Si5402DC
10-May-05
SI5404BDC VISHAY-SI5404BDC Datasheet
32Kb / 3P
   Specification Comparison
08-Sep-04
SI6880AEDQ VISHAY-SI6880AEDQ Datasheet
32Kb / 1P
   Specification Comparison
22-Mar-04
SI3850ADV VISHAY-SI3850ADV Datasheet
65Kb / 2P
   Specification Comparison
Revision: 31-Oct-06
72893 VISHAY-72893 Datasheet
32Kb / 1P
   Dual N-Channel, 30-V (D-S) MOSFET Specification Comparison
22-Mar-04
logo
STMicroelectronics
AN574 STMICROELECTRONICS-AN574 Datasheet
66Kb / 4P
   TRANSIL TRISIL COMPARISON
logo
Silicon Laboratories
AN836 SILABS-AN836 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com