Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NB3L204K Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce NB3L204K
Description  Differential 1:4 HCSL Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L204K Fiches technique(HTML) 4 Page - ON Semiconductor

  NB3L204K_17 Datasheet HTML 1Page - ON Semiconductor NB3L204K_17 Datasheet HTML 2Page - ON Semiconductor NB3L204K_17 Datasheet HTML 3Page - ON Semiconductor NB3L204K_17 Datasheet HTML 4Page - ON Semiconductor NB3L204K_17 Datasheet HTML 5Page - ON Semiconductor NB3L204K_17 Datasheet HTML 6Page - ON Semiconductor NB3L204K_17 Datasheet HTML 7Page - ON Semiconductor NB3L204K_17 Datasheet HTML 8Page - ON Semiconductor NB3L204K_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NB3L204K
www.onsemi.com
4
Table 2. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
> 2000 V
RPD − Pull−down Resistor
50 kW
Moisture Sensitivity (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
1344
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VDD
Core Supply Voltage
4.6
V
VDD_O
I/O Supply Voltage
4.6
V
VIH
Input High Voltage (Note 2)
4.6
V
VIL
Input Low Voltage
−0.5
V
IOUT
Maximum Output Current
24
mA
TA
Operating Temperature Range
−40 to +85
©
C
Tstg
Storage Temperature Range
−65 to +150
©
C
qJA
Thermal Resistance (Junction−to−Ambient) (Note 3)
0 lfpm
500 lfpm
37
32
©
C/W
qJC
Thermal Resistance (Junction−to−Case) (Note 3)
11
©
C/W
Tsol
Wave Solder
265
©
C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Maximum VIH is not to exceed maximum VDD.
3. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Numéro de pièce similaire - NB3L204K_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NB3L204KMNG ONSEMI-NB3L204KMNG Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L204KMNTXG ONSEMI-NB3L204KMNTXG Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
More results

Description similaire - NB3L204K_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851010 RENESAS-851010 Datasheet
303Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
851021 RENESAS-851021 Datasheet
597Kb / 19P
   1-to-21, Differential HCSL Fanout Buffer
11/03/15
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
   1-to-12, Differential HCSL Fanout Buffer
10/21/15
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
   1-to-12, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
   1-to-10, Differential HCSL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com