Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NB3H73113G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NB3H73113G
Description  Programmable OmniClock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H73113G Fiches technique(HTML) 3 Page - ON Semiconductor

  NB3H73113G Datasheet HTML 1Page - ON Semiconductor NB3H73113G Datasheet HTML 2Page - ON Semiconductor NB3H73113G Datasheet HTML 3Page - ON Semiconductor NB3H73113G Datasheet HTML 4Page - ON Semiconductor NB3H73113G Datasheet HTML 5Page - ON Semiconductor NB3H73113G Datasheet HTML 6Page - ON Semiconductor NB3H73113G Datasheet HTML 7Page - ON Semiconductor NB3H73113G Datasheet HTML 8Page - ON Semiconductor NB3H73113G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NB3H73113G
www.onsemi.com
3
Table 1. PIN DESCRIPTION
Pin No.
Pin Name
Pin Type
Description
1
XIN/CLKIN
Input
3 MHz to 50 MHz crystal input connection or an external single ended reference
input clock between 3 MHz and 200 MHz.
2
XOUT
Output
Crystal output. Float this pin when external reference clock is connected at XIN.
3
PD#
Input
Asynchronous LVCMOS/LVTTL input. Active Low Master Reset to disable the
device and set outputs Low. Internal pull−down resistor. This pin needs to be pulled
High for normal operation of the chip.
4
GND
Ground
Power supply ground.
5, 6, 7
OE[2:0]
Input
2−Level LVCMOS/LVTTL Inputs for Enabling/Disabling output clocks CLK[2:0]
respectively. Internal pull−up resistor.
8
VDDO0
Power
CLK0 Output power supply
≤ VDD
9
CLK0
SE/DIFF Output
Supports 8 kHz to 200 MHz Single Ended (LVCMOS/LVTTL) signals or Differential
(LVPECL/LVDS/HCSL/CML) signals. Using PLL Bypass mode, the output can also
be a copy of the input clock. The single ended output will be LOW and differential
outputs will be complementary LOW/HIGH until the PLL has locked and the
frequency has stabilized.
10
CLK1
SE/DIFF Output
Supports 8 kHz to 200 MHz Single Ended (LVCMOS/LVTTL) signals or Differential
(LVPECL/LVDS/HCSL/CML) signals. Using PLL Bypass mode, the output can also
be a copy of the input clock. The single ended output will be LOW and differential
outputs will be complementary LOW/HIGH until the PLL has locked and the
frequency has stabilized.
11
VDDO1
Power
CLK1 Output power supply
≤ VDD
12
VDD
Power
3.3V / 2.5V power supply.
13
CLK2
SE Output
Supports 8 kHz to 200 MHz Single Ended (LVCMOS/LVTTL) signals. Using PLL
Bypass mode, the output can also be a copy of the input clock. The single ended
output will be LOW until the PLL has locked and the frequency has stabilized.
14
VDDO2
Power
CLK2 Output power supply
≤ VDD
15
SDATA
Input / Output
I2C / SMBus Interface Signal SDATA
16
SCLK
Input
I2C / SMBus Interface Signal SCLK
EPAD
GNDO
Ground
Power supply ground for Outputs.
Table 2. POWER DOWN FUNCTION TABLE
PD#
Function
0
Device Powered Down
1
Device Powered Up
Table 3. OUTPUT ENABLE FUNCTION TABLE
OE[2:0]
Function
0
CLK Disabled
1
CLK Enabled
TYPICAL CRYSTAL PARAMETERS
Crystal: Fundamental Mode Parallel Resonant
Frequency: 3 MHz to 50 MHz
Table 4. MAX CRYSTAL LOAD CAPACITORS
RECOMMENDATION
Crystal Frequency Range
Max Cap Value
3 MHz − 30 MHz
20 pF
30 MHz − 50 MHz
10 pF
Shunt Capacitance (C0): 7 pF (Max)
Equivalent Series Resistance 150
W (Max)


Numéro de pièce similaire - NB3H73113G

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
NB3H GLENAIR-NB3H Datasheet
58Kb / 1P
   Military Standard Connector Index
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150 ONSEMI-NB3H5150 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
More results

Description similaire - NB3H73113G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NB3V60113G ONSEMI-NB3V60113G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H63143G-D ONSEMI-NB3H63143G-D Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
NB3H60113G ONSEMI-NB3H60113G Datasheet
292Kb / 22P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H60113GH3 ONSEMI-NB3H60113GH3 Datasheet
164Kb / 12P
   2.5 V Programmable OmniClock Generator with Differential LVDS Output
March, 2022 ??Rev. 0
NB3V60113GV3 ONSEMI-NB3V60113GV3 Datasheet
91Kb / 7P
   1.8 V 12.288 MHz OmniClock Generator
October, 2016 ??Rev. 0
NB3H60113GH2 ONSEMI-NB3H60113GH2 Datasheet
337Kb / 10P
   3.3 V OmniClock Generator with Single Ended LVCMOS Output
December, 2019 ??Rev. 0
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com