Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN1031 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce FIN1031
Description  3.3V LVDS 4-Bit High Speed Differential Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1031 Fiches technique(HTML) 2 Page - ON Semiconductor

  FIN1031 Datasheet HTML 1Page - ON Semiconductor FIN1031 Datasheet HTML 2Page - ON Semiconductor FIN1031 Datasheet HTML 3Page - ON Semiconductor FIN1031 Datasheet HTML 4Page - ON Semiconductor FIN1031 Datasheet HTML 5Page - ON Semiconductor FIN1031 Datasheet HTML 6Page - ON Semiconductor FIN1031 Datasheet HTML 7Page - ON Semiconductor FIN1031 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500507
www.fairchildsemi.com
July 2001
Revised July 2001
FIN1031
3.3V LVDS 4-Bit High Speed Differential Driver
General Description
This quad driver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The driver translates LVTTL signal levels to LVDS lev-
els with a typical differential output swing of 350mV which
provides low EMI at ultra low power dissipation even at
high frequencies. This device is ideal for high speed trans-
fer of clock and data.
The FIN1031 can be paired with its companion receiver,
the FIN1032, or any other Fairchild LVDS receiver.
Features
■ Greater than 400Mbs data rate
■ 3.3V power supply operation
■ 0.4ns maximum differential pulse skew
■ 2.0ns maximum propagation delay
■ Low power dissipation
■ Power OFF protection
■ Meets or exceeds the TIA/EIA-644 LVDS standard
■ Pin compatible with equivalent RS-422 and LVPECL
devices
■ 16-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
FIN1031M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1031MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Inputs
Outputs
EN
EN
DIN
DOUT+
DOUT−
HX
H
H
L
HX
L
L
H
HX
OPEN
L
H
XL
H
H
L
XL
L
L
H
XL
OPEN
L
H
LH
X
Z
Z
Pin Name
Description
DIN1, DIN2, DIN3, DIN4
LVTTL Data Inputs
DOUT1+, DOUT2+, DOUT3+, DOUT4+ Non-Inverting Driver Outputs
DOUT1−, DOUT2−, DOUT3−, DOUT4− Inverting Driver Outputs
EN
Driver Enable Pin
EN
Inverting Driver Enable Pin
VCC
Power Supply
GND
Ground


Numéro de pièce similaire - FIN1031

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1031M FAIRCHILD-FIN1031M Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1031MTC FAIRCHILD-FIN1031MTC Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
More results

Description similaire - FIN1031

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MX FAIRCHILD-FIN1047MX Datasheet
318Kb / 9P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
logo
ON Semiconductor
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com