Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9154 Fiches technique(PDF) 9 Page - Anpec Electronics Coropration

No de pièce APX9154
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9154 Fiches technique(HTML) 9 Page - Anpec Electronics Coropration

Back Button APX9154 Datasheet HTML 5Page - Anpec Electronics Coropration APX9154 Datasheet HTML 6Page - Anpec Electronics Coropration APX9154 Datasheet HTML 7Page - Anpec Electronics Coropration APX9154 Datasheet HTML 8Page - Anpec Electronics Coropration APX9154 Datasheet HTML 9Page - Anpec Electronics Coropration APX9154 Datasheet HTML 10Page - Anpec Electronics Coropration APX9154 Datasheet HTML 11Page - Anpec Electronics Coropration APX9154 Datasheet HTML 12Page - Anpec Electronics Coropration APX9154 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Cop y r ig h t
© ANPEC Elect ronics Corp.
Rev . A. 1 - Mar . , 2 0 1 7
w w w .anpec.com .t w
9
APX9 1 5 4
Soft-Starf Function
The APX9154 provides the soft-start function to reduce
vibration at power-on and lock-restart moments. The soft-
start function has four stages 50% → 70% → 90% →
100%. At first the output duty is 50% after 64 FG H-L cycle
times the output duty is change to next stage 70% until
192 FG H-L cycle times the soft-start function will end. If
the voltage higher than 3.2V or Direct PWM Duty higher
than 50% soft-start function is enable,else the soft-start
function is disable.
Fu n ct ion D e scr ipt ion ( Con t .)
OUT1
OUT2
FG
VCC
OUTPUTDuty50%
OUTPUTDuty70%
OUTPUTDuty90%
OUTPUTFull Duty
FGH-L64cycle
times
FGH-L64cycle
times
FGH-L64cycle
times
Soft-Start Function
Normal operation
Bop
Brp
B=0
PWM Soft-Switch Function
The APX9154 built in PWM soft-switch output control cir-
cuit to improve the vibration and noise of fan motor
operation. At start-up operation, the APX9154 drive the
output driver by square wave to force the fan motor start to
rotate. After several square wave outputs , the internal
PWM soft-switch control circuit will be enable to drive fan
motor to improve vibration and noise.
Bop
Brp
B=0
OUT1
OUT2
FG
Start-upoperation
PWMSoft-Stwitch
operation
Quick Start and StandbyMode
This IC would enter standby mode when the PWM input
keeps low level for then 66.5m(typ.). In standby mode, it
will shutdown amplifier and FG. In standby mode, the
lock protection function doesn’t work, therefore, starting
fan is unobstructed when releasing standby mode.
66.5ms (typ.)
disable
enable
enable
PWM
Lock protect
enable (Internal)
The APX9154 is designed with a thermal protection to
protect the IC from the damage of over temperature.
Wheninternal junction temperature reaches 165oC, the
output devices will be switched off. When the IC’s junc-
tion temperature cools by 30oC, the thermal sensor will
turn the output devices on again resulting in a pulsed
Output during continuous thermal overload.
Thermal Function


Numéro de pièce similaire - APX9154

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154AQHI-TRG ANPEC-APX9154AQHI-TRG Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results

Description similaire - APX9154

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172_17 Datasheet
193Kb / 13P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172 Datasheet
235Kb / 15P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com