Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX7311 Fiches technique(PDF) 9 Page - Anpec Electronics Coropration

No de pièce APX7311
Description  Three-Phase Sine-Wave Brushless DC Motor Cont roller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX7311 Fiches technique(HTML) 9 Page - Anpec Electronics Coropration

Back Button APX7311 Datasheet HTML 5Page - Anpec Electronics Coropration APX7311 Datasheet HTML 6Page - Anpec Electronics Coropration APX7311 Datasheet HTML 7Page - Anpec Electronics Coropration APX7311 Datasheet HTML 8Page - Anpec Electronics Coropration APX7311 Datasheet HTML 9Page - Anpec Electronics Coropration APX7311 Datasheet HTML 10Page - Anpec Electronics Coropration APX7311 Datasheet HTML 11Page - Anpec Electronics Coropration APX7311 Datasheet HTML 12Page - Anpec Electronics Coropration APX7311 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Copy r ig ht
© ANPEC Electronics Corp.
Rev . A. 5 - Jan , 2 0 1 6
APX7 3 1 1
w w w . an p ec. com . t w
9
Block D ia gr a m
VSP
RESET
Regulator
Digital
Select
Position
detector
FGC
HUM
5VREG
U
V
Z
Y
X
W
HVM
HWM
VCC
VSPLS
Data
select
120°-
turn-on
matrix
Setting
dead
time
Switching
120°/180°
and block
protection
on/off
HUP
HVP
HWP
FG
SENSE
FR
HS
VLAL
VLAH
LA_LIM
CT
OSC/R
SS
GND
CONTROLLER
Lead angle
control
VLIM
oscillator
TSD


Numéro de pièce similaire - APX7311

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
More results

Description similaire - APX7311

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
logo
Toshiba Semiconductor
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
TC78B041FNG TOSHIBA-TC78B041FNG Datasheet
664Kb / 44P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2019-4-12
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Rohm
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
   Three-phase Full-wave DC Brushless Fan Motor Driver
logo
Toshiba Semiconductor
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com