Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV741P_1808 Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce TLV741P_1808
Description  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLV741P_1808 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button TLV741P_1808 Datasheet HTML 9Page - Texas Instruments TLV741P_1808 Datasheet HTML 10Page - Texas Instruments TLV741P_1808 Datasheet HTML 11Page - Texas Instruments TLV741P_1808 Datasheet HTML 12Page - Texas Instruments TLV741P_1808 Datasheet HTML 13Page - Texas Instruments TLV741P_1808 Datasheet HTML 14Page - Texas Instruments TLV741P_1808 Datasheet HTML 15Page - Texas Instruments TLV741P_1808 Datasheet HTML 16Page - Texas Instruments TLV741P_1808 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
TLV741P
www.ti.com
SBVS309 – JULY 2017
Product Folder Links: TLV741P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
The input voltage is at least as high as VIN(min).
The input voltage is greater than the nominal output voltage added to the dropout voltage.
The enable voltage has previously exceeded the enable rising threshold voltage and has not decreased
below the enable falling threshold.
The output current is less than the current limit.
The device junction temperature is less than the maximum specified junction temperature.
8.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this mode of operation, the
output voltage is the same as the input voltage minus the dropout voltage. The transient performance of the
device is significantly degraded because the pass device is in the linear region and no longer controls the current
through the LDO. Line or load transients in dropout can result in large output voltage deviations.
8.4.3 Disabled
The device is disabled under the following conditions:
The enable voltage is less than the enable falling threshold voltage or has not yet exceeded the enable rising
threshold.
The device junction temperature is greater than the thermal shutdown temperature.
Table 1 lists conditions that result in different operating modes.
Table 1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
VEN
IOUT
TJ
Normal mode
VIN > VOUT(nom) + VDO and
VIN > VIN(min)
VEN > VEN(high)
IOUT < ILIM
TJ < 125°C
Dropout mode
VIN(min) < VIN < VOUT(nom) + VDO
VEN > VEN(high)
TJ < 125°C
Disabled mode
(any true condition disables the
device)
VEN < VEN(low)
TJ > 158°C


Numéro de pièce similaire - TLV741P_1808

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Description similaire - TLV741P_1808

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com