Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431LI Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431LI
Description  Programmable Shunt Regulator with Optimized Reference Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL431LI Fiches technique(HTML) 1 Page - Texas Instruments

  TL431LI Datasheet HTML 1Page - Texas Instruments TL431LI Datasheet HTML 2Page - Texas Instruments TL431LI Datasheet HTML 3Page - Texas Instruments TL431LI Datasheet HTML 4Page - Texas Instruments TL431LI Datasheet HTML 5Page - Texas Instruments TL431LI Datasheet HTML 6Page - Texas Instruments TL431LI Datasheet HTML 7Page - Texas Instruments TL431LI Datasheet HTML 8Page - Texas Instruments TL431LI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Vref
Input
VKA
IKA
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TL431LI
TL432LI
SLVSDQ6 – JULY 2018
TL43xLIx Programmable Shunt Regulator with Optimized Reference Current
1
1 Features
1
Reference Voltage Tolerance at 25°C
0.5% (B Grade)
1% (A Grade)
Minimum Typical Output Voltage: 2.495 V
Adjustable Output Voltage: Vref to 36 V
Operation From
−40°C to +125°C
Maximum Temperature Drift (TL431LIB)
34 mV
Low Output Noise
0.3-Ω Typical Output Impedance
Sink-Current Capability
Imin = 1 mA (max)
IKA = 15 mA (max)
Reference Input Current IREF: 0.8 μA (max)
Deviation of Reference Input Current over
Temperature, II(dev): 0.4 μA (max)
2 Applications
Adjustable Voltage and Current Referencing
Secondary Side Regulation in Flyback SMPS
Zener Diode Replacement
Voltage Monitoring
Precision Constant Current Sink/Source
Comparator with Integrated Reference
3 Description
The TL431LI device is a three-terminal adjustable
shunt regulator, with specified thermal stability over
applicable
automotive,
commercial,
and
military
temperature ranges. The output voltage can be set to
any value between Vref (approximately 2.495 V) and
36 V, with two external resistors. These devices have
a typical output impedance of 0.3 Ω. Active output
circuitry provides a very sharp turn-on characteristic,
making these devices excellent replacements for
Zener diodes in many applications, such as onboard
regulation, adjustable power supplies, and switching
power supplies. This device is a pin-to-pin alternative
to the industry standard TL431, with optimized Iref and
IIdev performance. The lower Iref and IIdev values
enable designers to achieve higher system accuracy
and lower leakage current. The TL432LI device has
exactly
the
same
functionality
and
electrical
specifications as the TL431LI device, but has a
different pinout for the DBZ package.
The TL431LI device is offered in two grades, with
initial tolerances (at 25°C) of 0.5% and 1%, for the B
and A grade, respectively. In addition, low output drift
versus temperature ensures good stability over the
entire temperature range.
The
TL43xLIxQ
devices
are
characterized
for
operation from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
TL43xLIx
SOT-23 (3)
2.90 mm x 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Numéro de pièce similaire - TL431LI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431LI TI1-TL431LI Datasheet
774Kb / 32P
[Old version datasheet]   Programmable Shunt Regulator with Optimized Reference Current
TL431LI TI1-TL431LI Datasheet
851Kb / 34P
[Old version datasheet]   Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI1-TL431LI Datasheet
852Kb / 34P
[Old version datasheet]   TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI-TL431LI Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
TL431LI TI-TL431LI Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results

Description similaire - TL431LI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431LI-Q1 TI1-TL431LI-Q1 Datasheet
851Kb / 34P
[Old version datasheet]   Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI1-TL431LI_18 Datasheet
774Kb / 32P
[Old version datasheet]   Programmable Shunt Regulator with Optimized Reference Current
TL431LI-Q1 TI1-TL431LI-Q1_V01 Datasheet
852Kb / 34P
[Old version datasheet]   TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
   Programmable shunt voltage reference
November 2015 Rev 5
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com