Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431LI Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431LI
Description  Programmable Shunt Regulator with Optimized Reference Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL431LI Fiches technique(HTML) 21 Page - Texas Instruments

Back Button TL431LI Datasheet HTML 17Page - Texas Instruments TL431LI Datasheet HTML 18Page - Texas Instruments TL431LI Datasheet HTML 19Page - Texas Instruments TL431LI Datasheet HTML 20Page - Texas Instruments TL431LI Datasheet HTML 21Page - Texas Instruments TL431LI Datasheet HTML 22Page - Texas Instruments TL431LI Datasheet HTML 23Page - Texas Instruments TL431LI Datasheet HTML 24Page - Texas Instruments TL431LI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
VO ≈5 V
TL43xLIx
VI(BATT)
27.4 kΩ
0.1%
Rb
(see Note A)
27.4 kΩ
0.1%
Copyright © 2017, Texas Instruments Incorporated
VO ≈5 V, 1.5 A
TL43xLIx
VI(BATT)
LM317
IN
OUT
Adjust
243 Ω
0.1%
243 Ω
0.1%
8.2 kΩ
Copyright © 2017, Texas Instruments Incorporated
VO
TL43xLIx
VI(BATT)
R1
R2
C
(see Note A)
Copyright © 2017, Texas Instruments Incorporated
21
TL431LI
TL432LI
www.ti.com
SLVSDQ6 – JULY 2018
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
System Examples (continued)
A.
Refer to the stability boundary conditions in Figure 13 to determine allowable values for C.
Figure 28. Crowbar Circuit
Figure 29. Precision 5-V, 1.5-A Regulator
A.
Rb should provide cathode current ≥1 mA to the TL431LI.
Figure 30. Efficient 5-V Precision Regulator


Numéro de pièce similaire - TL431LI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431LI TI1-TL431LI Datasheet
774Kb / 32P
[Old version datasheet]   Programmable Shunt Regulator with Optimized Reference Current
TL431LI TI1-TL431LI Datasheet
851Kb / 34P
[Old version datasheet]   Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI1-TL431LI Datasheet
852Kb / 34P
[Old version datasheet]   TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI-TL431LI Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
TL431LI TI-TL431LI Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results

Description similaire - TL431LI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431LI-Q1 TI1-TL431LI-Q1 Datasheet
851Kb / 34P
[Old version datasheet]   Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI1-TL431LI_18 Datasheet
774Kb / 32P
[Old version datasheet]   Programmable Shunt Regulator with Optimized Reference Current
TL431LI-Q1 TI1-TL431LI-Q1_V01 Datasheet
852Kb / 34P
[Old version datasheet]   TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
   Programmable shunt voltage reference
November 2015 Rev 5
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com