Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431LI Fiches technique(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431LI
Description  Programmable Shunt Regulator with Optimized Reference Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL431LI Fiches technique(HTML) 20 Page - Texas Instruments

Back Button TL431LI Datasheet HTML 16Page - Texas Instruments TL431LI Datasheet HTML 17Page - Texas Instruments TL431LI Datasheet HTML 18Page - Texas Instruments TL431LI Datasheet HTML 19Page - Texas Instruments TL431LI Datasheet HTML 20Page - Texas Instruments TL431LI Datasheet HTML 21Page - Texas Instruments TL431LI Datasheet HTML 22Page - Texas Instruments TL431LI Datasheet HTML 23Page - Texas Instruments TL431LI Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
VO
TL43xLIx
VI(BATT)
R1
R2
V
O
1
R1
R2
V
ref
=
+
(
(
Copyright © 2017, Texas Instruments Incorporated
VO
TL43xLIx
VI(BATT)
uA7805
IN
OUT
Common
R1
R2
V
O
1
R1
R2
V
ref
Minimum V
O
V
ref
5 V
=
+
=
+
(
(
Copyright © 2017, Texas Instruments Incorporated
R
(see Note A)
VO
TL43xLIx
VI(BATT)
2N222
2N222
4.7 kΩ
R1
0.1%
R2
0.1%
0.01 µF
30 Ω
O
ref
R1
V
= 1 +
V
R2
æ
ö
ç
÷
è
ø
Copyright © 2017, Texas Instruments Incorporated
20
TL431LI
TL432LI
SLVSDQ6 – JULY 2018
www.ti.com
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.3 System Examples
A.
R should provide cathode current
≥1 mA to the TL431LI at minimum V(BATT).
Figure 25. Precision High-Current Series Regulator
Figure 26. Output Control of a Three-Terminal Fixed Regulator
Figure 27. High-Current Shunt Regulator


Numéro de pièce similaire - TL431LI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431LI TI1-TL431LI Datasheet
774Kb / 32P
[Old version datasheet]   Programmable Shunt Regulator with Optimized Reference Current
TL431LI TI1-TL431LI Datasheet
851Kb / 34P
[Old version datasheet]   Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI1-TL431LI Datasheet
852Kb / 34P
[Old version datasheet]   TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI-TL431LI Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
TL431LI TI-TL431LI Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results

Description similaire - TL431LI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431LI-Q1 TI1-TL431LI-Q1 Datasheet
851Kb / 34P
[Old version datasheet]   Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI1-TL431LI_18 Datasheet
774Kb / 32P
[Old version datasheet]   Programmable Shunt Regulator with Optimized Reference Current
TL431LI-Q1 TI1-TL431LI-Q1_V01 Datasheet
852Kb / 34P
[Old version datasheet]   TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
   Programmable shunt voltage reference
November 2015 Rev 5
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com