Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431LI Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431LI
Description  Programmable Shunt Regulator with Optimized Reference Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL431LI Fiches technique(HTML) 18 Page - Texas Instruments

Back Button TL431LI Datasheet HTML 14Page - Texas Instruments TL431LI Datasheet HTML 15Page - Texas Instruments TL431LI Datasheet HTML 16Page - Texas Instruments TL431LI Datasheet HTML 17Page - Texas Instruments TL431LI Datasheet HTML 18Page - Texas Instruments TL431LI Datasheet HTML 19Page - Texas Instruments TL431LI Datasheet HTML 20Page - Texas Instruments TL431LI Datasheet HTML 21Page - Texas Instruments TL431LI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REF
CATHODE
ANODE
R2
V
SUP
RSUP
R1
VO
(
R1
Vref
0.1%
R2
0.1%
TL43xLIx
= 1 +
Vref
)
CL
Copyright © 2017, Texas Instruments Incorporated
18
TL431LI
TL432LI
SLVSDQ6 – JULY 2018
www.ti.com
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.2.3 Shunt Regulator/Reference
Figure 23. Shunt Regulator Schematic
10.2.3.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Reference Initial Accuracy
1.0 %
Supply Voltage
24 V
Cathode Current (Ik)
5 mA
Output Voltage Level
2.495 V - 36 V
Load Capacitance
2 µF
Feedback Resistor Values and Accuracy (R1 and R2)
10 kΩ
10.2.3.2 Detailed Design Procedure
When using TL43xLI as a Shunt Regulator, determine the following:
Input Voltage Range
Temperature Range
Total Accuracy
Cathode Current
Reference Initial Accuracy
Output Capacitance
10.2.3.2.1
Programming Output/Cathode Voltage
In order to program the cathode voltage to a regulated voltage a resistive bridge must be shunted between the
cathode and anode pins with the mid point tied to the reference pin. This can be seen in Figure 23, with R1 and
R2 being the resistive bridge. The cathode/output voltage in the shunt regulator configuration can be
approximated by the equation shown in Figure 23. The cathode voltage can be more accurate determined by
taking in to account the cathode current:
Vo=(1+R1/R2)VREF-IREFR1
(1)
In order for this equation to be valid, TL43xLI must be fully biased so that it has enough open loop gain to
mitigate any gain error. This can be done by meeting the Imin spec denoted in Specifications.


Numéro de pièce similaire - TL431LI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431LI TI1-TL431LI Datasheet
774Kb / 32P
[Old version datasheet]   Programmable Shunt Regulator with Optimized Reference Current
TL431LI TI1-TL431LI Datasheet
851Kb / 34P
[Old version datasheet]   Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI1-TL431LI Datasheet
852Kb / 34P
[Old version datasheet]   TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI-TL431LI Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
TL431LI TI-TL431LI Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results

Description similaire - TL431LI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431LI-Q1 TI1-TL431LI-Q1 Datasheet
851Kb / 34P
[Old version datasheet]   Programmable Shunt Regulator With Optimized Reference Current
TL431LI TI1-TL431LI_18 Datasheet
774Kb / 32P
[Old version datasheet]   Programmable Shunt Regulator with Optimized Reference Current
TL431LI-Q1 TI1-TL431LI-Q1_V01 Datasheet
852Kb / 34P
[Old version datasheet]   TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
   Programmable shunt voltage reference
November 2015 Rev 5
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com