Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN74AXC8T245_1808 Datasheet(Fiches technique) 10 Page - Texas Instruments

Numéro de pièce SN74AXC8T245_1808
Description  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
Télécharger  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 10 page
background image
10
SN74AXC8T245
SCES875B – MARCH 2018 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: SN74AXC8T245
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 Switching Characteristics, VCCA = 0.9 V
See Figure 1 and Figure 2 for test circuit and loading conditions. See Figure 3 and Figure 4 for measurement waveforms.
PARAMETER
TEST CONDITIONS
B-PORT SUPPLY VOLTAGE (VCCB)
UNIT
0.7 V ± 0.05 V
0.8 V ± 0.04 V
0.9 V ± 0.045 V
1.2 V ± 0.1 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
From input A
to output B
–40°C to 85°C
0.5
127
0.5
78
0.5
52
0.5
23
ns
–40°C to 125°C
0.5
127
0.5
78
0.5
52
0.5
23
From input B
to output A
–40°C to 85°C
0.5
82
0.5
63
0.5
52
0.5
39
–40°C to 125°C
0.5
82
0.5
63
0.5
52
0.5
39
tdis
Disable time
From inputOE
to output A
–40°C to 85°C
0.5
125
0.5
125
0.5
125
0.5
125
ns
–40°C to 125°C
0.5
128
0.5
128
0.5
128
0.5
128
From inputOE
to output B
–40°C to 85°C
0.5
131
0.5
105
0.5
96
0.5
99
–40°C to 125°C
0.5
133
0.5
107
0.5
98
0.5
101
ten
Enable time
From input OE
to output A
–40°C to 85°C
0.5
124
0.5
124
0.5
124
0.5
124
ns
–40°C to 125°C
0.5
128
0.5
128
0.5
128
0.5
128
From input OE
to output B
–40°C to 85°C
0.5
191
0.5
113
0.5
75
0.5
41
–40°C to 125°C
0.5
191
0.5
113
0.5
75
0.5
41
PARAMETER
TEST CONDITIONS
B-PORT SUPPLY VOLTAGE (VCCB)
UNIT
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
From input A
to output B
–40°C to 85°C
0.5
17
0.5
15
0.5
14
0.5
17
ns
–40°C to 125°C
0.5
17
0.5
15
0.5
14
0.5
17
From input B
to output A
–40°C to 85°C
0.5
28
0.5
24
0.5
22
0.5
22
–40°C to 125°C
0.5
28
0.5
24
0.5
22
0.5
22
tdis
Disable time
From inputOE
to output A
–40°C to 85°C
0.5
125
0.5
125
0.5
125
0.5
125
ns
–40°C to 125°C
0.5
128
0.5
128
0.5
128
0.5
128
From inputOE
to output B
–40°C to 85°C
0.5
47
0.5
44
0.5
40
0.5
73
–40°C to 125°C
0.5
50
0.5
46
0.5
42
0.5
73
ten
Enable time
From input OE
to output A
–40°C to 85°C
0.5
124
0.5
124
0.5
124
0.5
124
ns
–40°C to 125°C
0.5
128
0.5
128
0.5
128
0.5
128
From input OE
to output B
–40°C to 85°C
0.5
34
0.5
32
0.5
31
0.5
35
–40°C to 125°C
0.5
34
0.5
32
0.5
31
0.5
35




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl